Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G14DCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G14DCKR
Description  DUAL SCHMITT-TRIGGER INVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G14DCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G14DCKR Datasheet HTML 3Page - Texas Instruments SN74LVC2G14DCKR Datasheet HTML 4Page - Texas Instruments SN74LVC2G14DCKR Datasheet HTML 5Page - Texas Instruments SN74LVC2G14DCKR Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DCKR Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DCKR Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DCKR Datasheet HTML 9Page - Texas Instruments SN74LVC2G14DCKR Datasheet HTML 10Page - Texas Instruments SN74LVC2G14DCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74LVC2G14DBVR
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14DBVRG4
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14DBVT
ACTIVE
SOT-23
DBV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14DBVTE4
ACTIVE
SOT-23
DBV
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14DCKR
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14DCKRE4
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14DCKRG4
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14DCKT
ACTIVE
SC70
DCK
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14DCKTE4
ACTIVE
SC70
DCK
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G14YEAR
ACTIVE
WCSP
YEA
6
3000
TBD
SNPB
Level-1-260C-UNLIM
SN74LVC2G14YEPR
ACTIVE
WCSP
YEP
6
3000
TBD
SNPB
Level-1-260C-UNLIM
SN74LVC2G14YZAR
ACTIVE
WCSP
YZA
6
3000
Pb-Free
(RoHS)
SNAGCU
Level-1-260C-UNLIM
SN74LVC2G14YZPR
ACTIVE
WCSP
YZP
6
3000
Pb-Free
(RoHS)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
PACKAGE OPTION ADDENDUM
www.ti.com
4-Oct-2005
Addendum-Page 1


Similar Part No. - SN74LVC2G14DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14DCKR TI-SN74LVC2G14DCKR Datasheet
432Kb / 14P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DCKR TI-SN74LVC2G14DCKR Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DCKR TI1-SN74LVC2G14DCKR Datasheet
1Mb / 24P
[Old version datasheet]   Dual Schmitt-Trigger Inverter
SN74LVC2G14DCKR TI1-SN74LVC2G14DCKR Datasheet
1Mb / 24P
[Old version datasheet]   Dual Schmitt-Trigger Inverter
logo
Guangdong Youtai Semico...
SN74LVC2G14DCKR UMW-SN74LVC2G14DCKR Datasheet
794Kb / 9P
   SN74LVC2G14
More results

Similar Description - SN74LVC2G14DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com