Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ51A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SMCJ51A
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMCJ51A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMCJ51A Datasheet HTML 1Page - Bourns Electronic Solutions SMCJ51A Datasheet HTML 2Page - Bourns Electronic Solutions SMCJ51A Datasheet HTML 3Page - Bourns Electronic Solutions SMCJ51A Datasheet HTML 4Page - Bourns Electronic Solutions SMCJ51A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SMCJTransientVoltageSuppressorDiodeSeries
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part No.
Marking
Part No.
Marking Min. Max. @ IT (mA) VRWM (V)
IR (μA)
VRSM (V)
IRSM (A)
SMCJ5.0A
GDE
SMCJ5.0CA
BDE
6.40
7.00
10
5
800
9.2
163
SMCJ6.0A
GDG
SMCJ6.0CA
BDG
6.67
7.37
10
6
800
10.3
145.7
SMCJ6.5A
GDK
SMCJ6.5CA
BDK
7.22
7.98
10
6.5
500
11.2
134
SMCJ7.0A
GDM
SMCJ7.0CA
BDM
7.78
8.60
10
7
200
12
125
SMCJ7.5A
GDP
SMCJ7.5CA
BDP
8.33
9.21
1
7.5
100
12.9
116.3
SMCJ8.0A
GDR
SMCJ8.0CA
BDR
8.89
9.83
1
8
50
13.6
110.3
SMCJ8.5A
GDT
SMCJ8.5CA
BDT
9.44
10.4
1
8.5
20
14.4
104.2
SMCJ9.0A
GDV
SMCJ9.0CA
BDV
10.0
11.1
1
9
10
15.4
97.4
SMCJ10A
GDX
SMCJ10CA
BDX
11.1
12.3
1
10
5
17
88.3
SMCJ11A
GDZ
SMCJ11CA
BDZ
12.2
13.5
1
11
1
18.2
82.5
SMCJ12A
GEE
SMCJ12CA
BEE
13.3
14.7
1
12
1
19.9
75.4
SMCJ13A
GEG
SMCJ13CA
BEG
14.4
15.9
1
13
1
21.5
69.8
SMCJ14A
GEK
SMCJ14CA
BEK
15.6
17.2
1
14
1
23.2
64.7
SMCJ15A
GEM
SMCJ15CA
BEM
16.7
18.5
1
15
1
24.4
61.5
SMCJ16A
GEP
SMCJ16CA
BEP
17.8
19.7
1
16
1
26
57.7
SMCJ17A
GER
SMCJ17CA
BER
18.9
20.9
1
17
1
27.6
54.4
SMCJ18A
GET
SMCJ18CA
BET
20.0
22.1
1
18
1
29.2
51.4
SMCJ20A
GEV
SMCJ20CA
BEV
22.2
24.5
1
20
1
32.4
46.3
SMCJ22A
GEX
SMCJ22CA
BEX
24.4
26.9
1
22
1
35.5
42.3
SMCJ24A
GEZ
SMCJ24CA
BEZ
26.7
29.5
1
24
1
38.9
38.6
SMCJ26A
GFE
SMCJ26CA
BFE
28.9
31.9
1
26
1
42.1
35.7
SMCJ28A
GFG
SMCJ28CA
BFG
31.1
34.4
1
28
1
45.4
33.1
SMCJ30A
GFK
SMCJ30CA
BFK
33.3
36.8
1
30
1
48.4
31
SMCJ33A
GFM
SMCJ33CA
BFM
36.7
40.6
1
33
1
53.3
28.1
SMCJ36A
GFP
SMCJ36CA
BFP
40
44.2
1
36
1
58.1
25.9
SMCJ40A
GFR
SMCJ40CA
BFR
44.4
49.1
1
40
1
64.5
23.3
SMCJ43A
GFT
SMCJ43CA
BFT
47.8
52.8
1
43
1
69.4
21.7
SMCJ45A
GFV
SMCJ45CA
BFV
50
55.3
1
45
1
72.7
20.6
SMCJ48A
GFX
SMCJ48CA
BFX
53.3
58.9
1
48
1
77.4
19.4
SMCJ51A
GFZ
SMCJ51CA
BFZ
56.7
62.7
1
51
1
82.4
18.2
SMCJ54A
GGE
SMCJ54CA
BGE
60
66.3
1
54
1
87.1
17.3
SMCJ58A
GGG
SMCJ58CA
BGG
64.4
71.2
1
58
1
93.6
16.1
SMCJ60A
GGK
SMCJ60CA
BGK
66.7
73.7
1
60
1
96.8
15.5
SMCJ64A
GGM
SMCJ64CA
BGM
71.1
78.6
1
64
1
103
14.6
SMCJ70A
GGP
SMCJ70CA
BGP
77.8
86.0
1
70
1
113
13.3
SMCJ75A
GGR
SMCJ75CA
BGR
83.3
92.1
1
75
1
121
12.4
SMCJ78A
GGT
SMCJ78CA
BGT
86.7
95.8
1
78
1
126
11.9
SMCJ85A
GGV
SMCJ85CA
BGV
94.4
104
1
85
1
137
11
SMCJ90A
GGX
SMCJ90CA
BGX
100
111
1
90
1
146
10.3
SMCJ100A
GGZ
SMCJ100CA
BGZ
111
123
1
100
1
162
9.3
SMCJ110A
GHE
SMCJ110CA
BHE
122
135
1
110
1
177
8.4
SMCJ120A
GHG
SMCJ120CA
BHG
133
147
1
120
1
193
7.9
SMCJ130A
GHK
SMCJ130CA
BHK
144
159
1
130
1
209
7.2
SMCJ150A
GHM
SMCJ150CA
BHM
167
185
1
150
1
243
6.2
SMCJ160A
GHP
SMCJ160CA
BHP
178
197
1
160
1
259
5.8
SMCJ170A
GHR
SMCJ170CA
BHR
189
209
1
170
1
275
5.5
SMCJ180A
GHT
SMCJ180CA
BHT
201
222
1
180
1
292
5.1
SMCJ200A
GHV
SMCJ200CA
BHV
224
247
1
200
1
324
4.6
SMCJ220A
GHX
SMCJ220CA
BHX
246
272
1
220
1
356
4.2
SMCJ250A
GHZ
SMCJ250CA
BHZ
279
309
1
250
1
405
3.7
SMCJ300A
GJE
SMCJ300CA
BJE
335
371
1
300
1
486
3.1
SMCJ350A
GJG
SMCJ350CA
BJG
391
432
1
350
1
567
2.6
SMCJ400A
GJK
SMCJ400CA
BJK
447
494
1
400
1
648
2.3
SMCJ408A
408A
SMCJ408CA
408CA
456
504
1
408
1
658
2.3
SMCJ440A
GJM
SMCJ440CA
BJM
492
543
1
440
1
713
2.1
SMCJ495A
495A
SMCJ495CA
495CA
522.5 577.5
1
495
1
760
2.0


Similar Part No. - SMCJ51A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ51A MCC-SMCJ51A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
SAMYANG ELECTRONICS CO....
SMCJ51A SAMYANG-SMCJ51A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Dc Components
SMCJ51A DCCOM-SMCJ51A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ51A VISHAY-SMCJ51A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMCJ51A VISHAY-SMCJ51A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ51A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com