Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68-C25 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STK11C68-C25
Description  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK11C68-C25 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STK11C68-C25 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK11C68-C25 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STK11C68
June 1999
4-28
Internally, RECALL is a two-step procedure. First,
the SRAM data is cleared, and second, the nonvola-
tile information is transferred into the SRAM cells.
After the t
RECALL cycle time the SRAM will once again
be ready for READ and WRITE operations. The
RECALL
operation in no way alters the data in the
EEPROM
cells. The nonvolatile data can be recalled
an unlimited number of times.
POWER-UP RECALL
During power up, or after any low-power condition
(V
CC <VRESET), an internal RECALL request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH,a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
If the STK11C68 is in a WRITE state at the end of
power-up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor
should be connected either between W and system
V
CC or between E and system VCC.
HARDWARE PROTECT
The STK11C68 offers hardware protection against
inadvertent STORE operation during low-voltage
conditions. When V
CC
<V
SWITCH,
software STORE
operations are inhibited.
LOW AVERAGE ACTIVE POWER
The STK11C68 draws significantly less current
when it is cycled at times longer than 50ns. Figure 2
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 5.5V, 100% duty cycle on chip
enable). Figure 3 shows the same relationship for
WRITE
cycles. If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled. The overall average current drawn
by the STK11C68 depends on the following items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READsto WRITEs; 5) the operating
temperature; 6) the Vcc level; and 7) I/O loading.
Figure 2: ICC (max) Reads
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS
Figure 3: ICC (max) Writes
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS


Similar Part No. - STK11C68-C25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-C35 CYPRESS-STK11C68-C35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-C35I CYPRESS-STK11C68-C35I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C68-CF25 SIMTEK-STK11C68-CF25 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-CF25I SIMTEK-STK11C68-CF25I Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-CF25ITR SIMTEK-STK11C68-CF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C68-C25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com