Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK20C04-W30I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STK20C04-W30I
Description  CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK20C04-W30I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK20C04-W30I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK20C04-W30I Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STK20C04
2-42
NO.
PARAMETER
UNITS
SYMBOLS
STK20C04-30
STK20C04-35
STK20C04-45
WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note f:
NE must be high during entire cycle.
Note i:
Measured
± 200mV from steady state output voltage.
Note k: E or W must be high during address transitions.
Note m: If W is low when E goes low, the outputs remain in the high impedance state.
12
tAVAVW
tAVAVW
tWC
Write Cycle Time
45
45
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
35
35
35
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
35
35
35
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
30
30
30
ns
16
tWHDX
tEHDX
tDH
Data Hold After End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
35
35
35
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold After End of Write
0
0
0
ns
20
tWLQZ
i,m
tWZ
Write Enable to Output Disable
35
35
35
ns
21
tWHQX
tOW
Output Active After End of Write
5
5
5
ns
#1
#2
#3
MIN
MAX
MIN
MAX
MIN
MAX
PREVIOUS DATA
ADDRESS
E
W
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
12
tAVAVW
14
tELWH
19
tWHAX
17
tAVWH
18
tAVWL
13
tWLWH
15
tDVWH
16
tWHDX
20
tWLQZ
21
tWHQX
WRITE CYCLE #1: W CONTROLLED f,k
WRITE CYCLE #2: E CONTROLLED f,k
ADDRESS
E
W
DATA IN
DATA OUT
HIGH IMPEDANCE
DATA VALID
12
tAVAVW
18
tAVEL
14
tELEH
19
tEHAX
17
tAVEH
13
tWLEH
15
tDVEH
16
tEHDX


Similar Part No. - STK20C04-W30I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04-W35 SIMTEK-STK20C04-W35 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04-W35I SIMTEK-STK20C04-W35I Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK20C04-W30I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com