Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ7.5 Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # 1.5SMCJ7.5
Description  SMD Transient Voltage Suppresssor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5SMCJ7.5 Datasheet(HTML) 4 Page - Diotec Semiconductor

  1.5SMCJ7.5 Datasheet HTML 1Page - Diotec Semiconductor 1.5SMCJ7.5 Datasheet HTML 2Page - Diotec Semiconductor 1.5SMCJ7.5 Datasheet HTML 3Page - Diotec Semiconductor 1.5SMCJ7.5 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.5SMCJ5.0 ... 1.5SMCJ170CA
1
TVS diodes having breakdown voltage VBR = 220 ... 550 V:
please refer to datasheet 1.5SMC220 ... 550CA
TVS-Dioden mit Abbruchspannung VBR = 220 ... 550 V:
siehe Datenblatt 1.5SMC220 ... 550CA
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
4
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1
10/1000µs - pulse waveform
10/1000µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
1
2
3
4
[ms]
[%]
t
P
I /2
PPM
P /2
PPM
t = 10 µs
r
10
10
1
0.1
2
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
[kW]
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)


Similar Part No. - 1.5SMCJ7.5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ7.5 PANJIT-1.5SMCJ7.5 Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Diotec Semiconductor
1.5SMCJ7.5 DIOTEC-1.5SMCJ7.5 Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
logo
Won-Top Electronics
1.5SMCJ7.5 WTE-1.5SMCJ7.5 Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ7.5 DIOTEC-1.5SMCJ7.5 Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ7.5 DIOTEC-1.5SMCJ7.5 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5SMCJ7.5

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
15SMCJ65 DIOTEC-15SMCJ65_1 Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ6.5 DIOTEC-1.5SMCJ6.5_17 Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
15SMCJ65 DIOTEC-15SMCJ65_18 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
6.6SM8Z10A DIOTEC-6.6SM8Z10A Datasheet
166Kb / 2P
   SMD Transient Voltage Suppresssor Diodes
1.5SMC220 DIOTEC-1.5SMC220_16 Datasheet
146Kb / 3P
   SMD Transient Voltage Suppresssor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com