Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ8.0A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 1.5SMCJ8.0A
Description  SMD Transient Voltage Suppresssor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5SMCJ8.0A Datasheet(HTML) 2 Page - Diotec Semiconductor

  1.5SMCJ8.0A Datasheet HTML 1Page - Diotec Semiconductor 1.5SMCJ8.0A Datasheet HTML 2Page - Diotec Semiconductor 1.5SMCJ8.0A Datasheet HTML 3Page - Diotec Semiconductor 1.5SMCJ8.0A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5SMCJ5.0 ... 1.5SMCJ170CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM1)
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidire
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
1.5SMCJ5.0
1.5SMCJ5.0C
5.0
800
6.4 *)
7.8 *)
10.3
146
1.5SMCJ5.0A
1.5SMCJ5.0CA
5.0
800
6.4 *)
7.2 *)
9.2
163
1.5SMCJ6.5
1.5SMCJ6.5C
6.5
500
7.2 *)
8.8 *)
12.3
122
1.5SMCJ6.5A
1.5SMCJ6.5CA
6.5
500
7.2 *)
8.0 *)
11.2
134
1.5SMCJ7.0
1.5SMCJ7.0C
7.0
200
7.8 *)
9.5 *)
13.3
113
1.5SMCJ7.0A
1.5SMCJ7.0CA
7.0
200
7.8 *)
8.7 *)
12.0
125
1.5SMCJ7.5
1.5SMCJ7.5C
7.5
100
8.3
10.1
14.3
105
1.5SMCJ7.5A
1.5SMCJ7.5CA
7.5
100
8.3
9.2
12.9
116
1.5SMCJ8.0
1.5SMCJ8.0C
8.0
50
8.9
10.9
15.0
100
1.5SMCJ8.0A
1.5SMCJ8.0CA
8.0
50
8.9
9.9
13.6
110
1.5SMCJ8.5
1.5SMCJ8.5C
8.5
10
9.4
11.5
15.9
94.3
1.5SMCJ8.5A
1.5SMCJ8.5CA
8.5
10
9.4
10.4
14.4
104.2
1.5SMCJ9.0
1.5SMCJ9.0C
9.0
5
10.0
12.2
16.9
88.8
1.5SMCJ9.0A
1.5SMCJ9.0CA
9.0
5
10.0
11.1
15.4
97.4
1.5SMCJ10
1.5SMCJ10C
10
5
11.1
13.5
18.8
79.8
1.5SMCJ10A
1.5SMCJ10CA
10
5
11.1
12.3
17.0
88.2
1.5SMCJ11
1.5SMCJ11C
11
5
12.2
14.9
20.1
74.6
1.5SMCJ11A
1.5SMCJ11CA
11
5
12.2
13.5
18.2
82.4
1.5SMCJ12
1.5SMCJ12C
12
5
13.3
16.2
22.0
68.2
1.5SMCJ12A
1.5SMCJ12CA
12
5
13.3
14.8
19.9
75.4
1.5SMCJ13
1.5SMCJ13C
13
5
14.4
17.6
23.8
63.0
1.5SMCJ13A
1.5SMCJ13CA
13
5
14.4
16.0
21.5
69.8
1.5SMCJ14
1.5SMCJ14C
14
5
15.6
19.0
25.8
58.1
1.5SMCJ14A
1.5SMCJ14CA
14
5
15.6
17.3
23.2
64.7
1.5SMCJ15
1.5SMCJ15C
15
5
16.7
20.4
26.9
55.8
1.5SMCJ15A
1.5SMCJ15CA
15
5
16.7
18.6
24.4
61.5
1.5SMCJ16
1.5SMCJ16C
16
5
17.8
21.7
28.8
52.1
1.5SMCJ16A
1.5SMCJ16CA
16
5
17.8
19.8
26.0
57.7
1.5SMCJ17
1.5SMCJ17C
17
5
18.9
23.1
30.5
49.2
1.5SMCJ17A
1.5SMCJ17CA
17
5
18.9
21.0
27.6
54.3
1.5SMCJ18
1.5SMCJ18C
18
5
20.0
24.4
32.2
46.6
1.5SMCJ18A
1.5SMCJ18CA
18
5
20.0
22.2
29.2
51.4
1.5SMCJ20
1.5SMCJ20C
20
5
22.2
27.1
35.8
41.9
1.5SMCJ20A
1.5SMCJ20CA
20
5
22.2
24.6
32.4
46.3
1.5SMCJ22
1.5SMCJ22C
22
5
24.4
29.8
39.4
38.1
1.5SMCJ22A
1.5SMCJ22CA
22
5
24.4
27.1
35.5
42.3
1.5SMCJ24
1.5SMCJ24C
24
5
26.7
32.6
43.0
34.9
1.5SMCJ24A
1.5SMCJ24CA
24
5
26.7
29.6
38.9
38.6
1.5SMCJ26
1.5SMCJ26C
26
5
28.9
35.3
46.6
32.2
1.5SMCJ26A
1.5SMCJ26CA
26
5
28.9
32.1
42.1
35.6
1.5SMCJ28
1.5SMCJ28C
28
5
31.1
37.9
50.0
30.0
1.5SMCJ28A
1.5SMCJ28CA
28
5
31.1
34.5
45.4
33.0
1.5SMCJ30
1.5SMCJ30C
30
5
33.3
40.1
53.5
28.0
1.5SMCJ30A
1.5SMCJ30CA
30
5
33.3
36.9
48.4
31.0
1.5SMCJ33
1.5SMCJ33C
33
5
36.7
44.8
59.0
25.4
1.5SMCJ33A
1.5SMCJ33CA
33
5
36.7
40.7
53.3
28.1
1.5SMCJ36
1.5SMCJ36C
36
5
40.0
48.4
64.3
23.3
1
For bi-directional types having VWM ≤ 10V, the reverse current limit is doubled
Bidirektionale Typen mit VWM ≤ 10V haben die doppelte Sperrstromgrenze
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - 1.5SMCJ8.0A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ8.0A PANJIT-1.5SMCJ8.0A Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Diotec Semiconductor
1.5SMCJ8.0A DIOTEC-1.5SMCJ8.0A Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
logo
Won-Top Electronics
1.5SMCJ8.0A WTE-1.5SMCJ8.0A Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ8.0A DIOTEC-1.5SMCJ8.0A Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ8.0A DIOTEC-1.5SMCJ8.0A Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5SMCJ8.0A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
15SMCJ65 DIOTEC-15SMCJ65_1 Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
1.5SMCJ6.5 DIOTEC-1.5SMCJ6.5_17 Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
15SMCJ65 DIOTEC-15SMCJ65_18 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
6.6SM8Z10A DIOTEC-6.6SM8Z10A Datasheet
166Kb / 2P
   SMD Transient Voltage Suppresssor Diodes
1.5SMC220 DIOTEC-1.5SMC220_16 Datasheet
146Kb / 3P
   SMD Transient Voltage Suppresssor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com