Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY12 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BY12
Description  Standard Recovery High Voltage Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BY12 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BY12 Datasheet HTML 1Page - Diotec Semiconductor BY12 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BY4 ... BY16
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Typical junction capacitance
Typische Sperrschichtkapazität
VF [V]
@ IF [A]
@ Tj
Cj [pF]
@ VR [V]
BY4
< 4.0
1.0
25°C
5
40
BY6
< 6.0
1.0
25°C
3.8
40
BY8
< 8.0
0.5
25°C
2.5
40
BY12
< 10.0
0.5
25°C
1.8
40
BY16
< 15.0
0.3
25°C
1
40
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
100
10
1
0.1
[µA]
I
R
Leakage current vs. junction temp. (typ. values)
Sperrstrom in Abh. v.d. Sperrschichttemp. (typ.)
T
j
[°C]
0
50
100
150
10
1
10
10
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
BY4
BY6
BY8
BY12
BY16
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3
BY4...BY6
BY8...BY12
BY16


Similar Part No. - BY12

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY12 DIOTEC-BY12 Datasheet
110Kb / 1P
   High Voltage Si-Rectifiers
BY12 DIOTEC-BY12 Datasheet
45Kb / 1P
   High Voltage Si-Rectifiers
BY12 DIOTEC-BY12 Datasheet
98Kb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
BY12 TAYCHIPST-BY12 Datasheet
1Mb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Diotec Semiconductor
BY12 DIOTEC-BY12 Datasheet
109Kb / 2P
   High Voltage Silicon Rectifier Diodes
More results

Similar Description - BY12

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SI-A1125 DIOTEC-SI-A1125_18 Datasheet
186Kb / 2P
   Standard Recovery High Voltage Rectifier Diodes
SI-E8000 DIOTEC-SI-E8000_17 Datasheet
241Kb / 2P
   Standard Recovery High Voltage Rectifier Diodes
logo
High Voltage Power Solu...
CS4309G600 HVPSI-CS4309G600 Datasheet
161Kb / 2P
   Standard Recovery High Voltage Diodes
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
   STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
PX1500A DIOTEC-PX1500A_15 Datasheet
140Kb / 2P
   Standard Recovery Rectifier Diodes
BY251 DIOTEC-BY251_15 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
P2000A DIOTEC-P2000A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com