Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8272H Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TA8272H
Description  Max Power 43 W BTL x 4 ch Audio Power IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8272H Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA8272H Datasheet HTML 5Page - Toshiba Semiconductor TA8272H Datasheet HTML 6Page - Toshiba Semiconductor TA8272H Datasheet HTML 7Page - Toshiba Semiconductor TA8272H Datasheet HTML 8Page - Toshiba Semiconductor TA8272H Datasheet HTML 9Page - Toshiba Semiconductor TA8272H Datasheet HTML 10Page - Toshiba Semiconductor TA8272H Datasheet HTML 11Page - Toshiba Semiconductor TA8272H Datasheet HTML 12Page - Toshiba Semiconductor TA8272H Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TA8272H
2002-06-20
10
Singnal source resistance
Rg
(
9)
VNO – Rg
Frequency
f
(Hz)
R.R. – f
Frequency
f
(Hz)
C.T. – f (OUT1)
Frequency
f
(Hz)
C.T. – f (OUT2)
Frequency
f
(Hz)
C.T. – f (OUT3)
Frequency
f
(Hz)
C.T. – f (OUT4)
100
0
100 k
-70
0
1 k
-60
-30
10 k
-40
-20
-50
-10
VCC = 13.2 V
Vrip = 0.775 Vrms (0dBm)
Rg = 620 W
RL = 4 W
100
0
100 k
0
300
1 k
50
200
10 k
100
150
250
VCC = 13.2 V
RL = 4 W
BW
= ~20 k
100
0
100 k
-70
0
1 k
-60
-30
10 k
-40
-20
-50
-10
VCC = 13.2 V
VOUT = 0.775 Vrms (0dBm)
Rg = 620 W
RL = 4 W
OUT1
® OUT4
OUT1
® OUT2
OUT1
® OUT3, 4
OUT1
® OUT2, 3
100
0
100 k
-70
0
1 k
-60
-30
10 k
-40
-20
-50
-10
VCC = 13.2 V
VOUT = 0.775 Vrms (0dBm)
Rg = 620 W
RL = 4 W
OUT2
® OUT1
OUT2
® OUT3, 4
OUT2
® OUT3, 4
100
0
100 k
-70
0
1 k
-60
-30
10 k
-40
-20
-50
-10
VCC = 13.2 V
VOUT = 0.775 Vrms (0dBm)
Rg = 620 W
RL = 4 W
OUT3
® OUT4
OUT3
® OUT1, 2
OUT3
® OUT1, 2
OUT3
® OUT4
OUT3
® OUT4
100
0
100 k
-70
0
1 k
-60
-30
10 k
-40
-20
-50
-10
VCC = 13.2 V
VOUT = 0.775 Vrms (0dBm)
Rg = 620 W
RL = 4 W
OUT4
® OUT3
OUT4
® OUT1, 2


Similar Part No. - TA8272H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8272HQ TOSHIBA-TA8272HQ Datasheet
307Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
More results

Similar Description - TA8272H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8277H TOSHIBA-TA8277H Datasheet
235Kb / 12P
   MAX POWER 43 W BTL x 4 CH AUDIO POWER IC
TA8263BH TOSHIBA-TA8263BH Datasheet
255Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8272HQ TOSHIBA-TA8272HQ Datasheet
307Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TA8263BHQ TOSHIBA-TA8263BHQ Datasheet
329Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TB2906HQ TOSHIBA-TB2906HQ Datasheet
281Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TA8270HQ TOSHIBA-TA8270HQ Datasheet
365Kb / 16P
   Max Power 43 W BTL × 4 ch High Efficiency Audio Power IC
2006-04-28
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TA8262H TOSHIBA-TA8262H Datasheet
360Kb / 15P
   MAX POWER 43 W BTL x 4CH AUDIO POWER IC
TA8264AHQ TOSHIBA-TA8264AHQ Datasheet
262Kb / 14P
   Max Power 41 W BTL x 4 ch Audio Power IC
TA8271H TOSHIBA-TA8271H Datasheet
191Kb / 12P
   Max Power 41 W BTL X 4 ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com