Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-68 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # TGL41-68
Description  SMD Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TGL41-68 Datasheet(HTML) 2 Page - Diotec Semiconductor

  TGL41-68 Datasheet HTML 1Page - Diotec Semiconductor TGL41-68 Datasheet HTML 2Page - Diotec Semiconductor TGL41-68 Datasheet HTML 3Page - Diotec Semiconductor TGL41-68 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TGL41-6.8 ... TGL41-440CA, TGL41-520C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidirectional
VBR [V]
VWM [V]
ID [µA]
VC [V]
IPPM [A]
TGL41-6.8
TGL41-6.8C
6.8 ± 10%
6.12...7.48 *)
5.5
1000
10.8
38.0
TGL41-6.8A
TGL41-6.8CA
6.8 ± 5%
6.45...7.14 *)
5.8
1000
10.5
40.0
TGL41-7.5
TGL41-7.5C
7.5 ± 10%
6.75...8.25 *)
6.0
500
11.7
35.0
TGL41-7.5A
TGL41-7.5CA
7.5 ± 5%
7.13...7.88 *)
6.4
500
11.3
37.0
TGL41-8.2
TGL41-8.2C
8.2 ± 10%
7.38...9.02 *)
6.6
200
12.5
33.0
TGL41-8.2A
TGL41-8.2CA
8.2 ± 5%
7.79...8.61 *)
7.0
200
12.1
34.0
TGL41-9.1
TGL41-9.1C
9.1 ± 10%
8.19...10.0
7.3
50
13.8
30.0
TGL41-9.1A
TGL41-9.1CA
9.1 ± 5%
8.65...9.55
7.7
50
13.4
31.0
TGL41-10
TGL41-10C
10 ± 10%
9.0...11.0
8.1
10
15.0
28.0
TGL41-10A
TGL41-10CA
10 ± 5%
9.5...10.5
8.5
10
14.5
29.0
TGL41-11
TGL41-11C
11 ± 10%
9.9...12.1
8.9
5
16.2
26.0
TGL41-11A
TGL41-11CA
11 ± 5%
10.5...11.6
9.4
5
15.6
27.0
TGL41-12
TGL41-12C
12 ± 10%
10.8...13.2
9.7
5
17.3
24.0
TGL41-12A
TGL41-12CA
12 ± 5%
11.4...12.6
10.2
5
16.7
25.0
TGL41-13
TGL41-13C
13 ± 10%
11.7...14.3
10.5
5
19.0
22.0
TGL41-13A
TGL41-13CA
13 ± 5%
12.4...13.7
11.1
5
18.2
23.0
TGL41-15
TGL41-15C
15 ± 10%
13.5...16.5
12.1
5
22.0
19.0
TGL41-15A
TGL41-15CA
15 ± 5%
14.3...15.8
12.8
5
21.2
21.0
TGL41-16
TGL41-16C
16 ± 10%
14.4...17.6
12.9
5
23.5
17.8
TGL41-16A
TGL41-16CA
16 ± 5%
15.2...16.8
13.6
5
22.5
18.6
TGL41-18
TGL41-18C
18 ± 10%
16.2...19.8
14.5
5
26.5
16.0
TGL41-18A
TGL41-18CA
18 ± 5%
17.1...18.9
15.3
5
25.2
16.5
TGL41-20
TGL41-20C
20 ± 10%
18.0...22.0
16.2
5
29.1
14.0
TGL41-20A
TGL41-20CA
20 ± 5%
19.0...21.0
17.1
5
27.7
15.0
TGL41-22
TGL41-22C
22 ± 10%
19.8...24.2
17.8
5
31.9
13.0
TGL41-22A
TGL41-22CA
22 ± 5%
20.9...23.1
18.8
5
30.6
13.7
TGL41-24
TGL41-24C
24 ± 10%
21.6...26.4
19.4
5
34.7
12.0
TGL41-24A
TGL41-24CA
24 ± 5%
22.8...25.2
20.5
5
33.2
12.6
TGL41-27
TGL41-27C
27 ± 10%
24.3...29.7
21.8
5
39.1
10.7
TGL41-27A
TGL41-27CA
27 ± 5%
25.7...28.4
23.1
5
37.5
11.0
TGL41-30
TGL41-30C
30 ± 10%
27.0...33.0
24.3
5
43.5
9.6
TGL41-30A
TGL41-30CA
30 ± 5%
28.5...31.5
25.6
5
41.4
10.0
TGL41-33
TGL41-33C
33 ± 10%
29.7...36.3
26.8
5
47.7
8.8
TGL41-33A
TGL41-33CA
33 ± 5%
31.4...34.7
28.2
5
45.7
9.0
TGL41-36
TGL41-36C
36 ± 10%
32.4...39.6
29.1
5
52.0
8.0
TGL41-36A
TGL41-36CA
36 ± 5%
34.2...37.8
30.8
5
49.9
8.4
TGL41-39
TGL41-39C
39 ± 10%
35.1...42.9
31.6
5
56.4
7.4
TGL41-39A
TGL41-39CA
39 ± 5%
37.1...41.0
33.3
5
53.9
7.7
TGL41-43
TGL41-43C
43 ± 10%
38.7...47.3
34.8
5
61.9
6.7
TGL41-43A
TGL41-43CA
43 ± 5%
40.9...45.2
36.8
5
59.3
7.0
TGL41-47
TGL41-47C
47 ± 10%
42.3...51.7
38.1
5
67.8
6.2
TGL41-47A
TGL41-47CA
47 ± 5%
44.7...49.4
40.2
5
64.8
6.4
TGL41-51
TGL41-51C
51 ± 10%
45.9...56.1
41.3
5
73.5
5.7
TGL41-51A
TGL41-51CA
51 ± 5%
48.5...53.6
43.6
5
70.1
6.0
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - TGL41-68

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-68 DIOTEC-TGL41-68 Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-68 MICROSEMI-TGL41-68 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-68 MICROSEMI-TGL41-68 Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-68 VISHAY-TGL41-68 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
Diotec Semiconductor
TGL41-68 DIOTEC-TGL41-68 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - TGL41-68

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppressor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_16 Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
SMF5.0A DIOTEC-SMF5.0A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_17 Datasheet
150Kb / 3P
   SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A Datasheet
157Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com