Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8924TH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8924TH
Description  2 x 120 W class-D power amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8924TH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8924TH Datasheet HTML 7Page - NXP Semiconductors TDA8924TH Datasheet HTML 8Page - NXP Semiconductors TDA8924TH Datasheet HTML 9Page - NXP Semiconductors TDA8924TH Datasheet HTML 10Page - NXP Semiconductors TDA8924TH Datasheet HTML 11Page - NXP Semiconductors TDA8924TH Datasheet HTML 12Page - NXP Semiconductors TDA8924TH Datasheet HTML 13Page - NXP Semiconductors TDA8924TH Datasheet HTML 14Page - NXP Semiconductors TDA8924TH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
2003 Jul 28
11
Philips Semiconductors
Objective specification
2
× 120 W class-D power amplifier
TDA8924
12 STATIC CHARACTERISTICS
VP = ±24 V; Tamb =25 °C; measured in Fig.9; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = ±12.5 V to ±30 V.
2. With respect to SGND (0 V).
3. The transition regions between standby, mute and operating mode contain hysteresis (see Fig.6).
4. With respect to VSSP1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
±12.5 ±24
±30
V
Iq(tot)
total quiescent current
no load connected
100
mA
Istb
standby supply current
100
500
µA
Mode select input: pin MODE
VMODE
input voltage
note 2
0
5.5
V
IMODE
input current
VMODE = 5.5 V
−−
1000
µA
Vstb
input voltage for standby mode
notes 2 and 3
0
0.8
V
Vmute
input voltage for mute mode
notes 2 and 3
2.2
3.0
V
Von
input voltage for operating mode
notes 2 and 3
4.2
5.5
V
Audio inputs: pins IN2
−, IN2+, IN1+ and IN1−
VI
DC input voltage
note 2
0
V
Amplifier outputs: pins OUT1 and OUT2
V
OO(SE)
SE output offset voltage
operating and mute
−−
150
mV
∆V
OO(SE)
SE variation of output offset
voltage
operating
↔ mute
−−
80
mV
VOO(BTL)
BTL output offset voltage
operating and mute
−−
215
mV
∆V
OO(BTL)
BTL variation of output offset
voltage
operating
↔ mute
−−
115
mV
Stabilizer: pin STABI
Vo(stab)
stabilizer output voltage
operating and mute; note 4
11
13
15
V
Temperature protection
Tprot
temperature protection activation
150
−−°C
Thys
hysteresis on temperature
protection
20
−°C


Similar Part No. - TDA8924TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

Similar Description - TDA8924TH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP4 IRF-IRAUDAMP4 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com