Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7814A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TH7814A
Description  50 MHz 1024/2048 Linear CCDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7814A Datasheet(HTML) 1 Page - ATMEL Corporation

  TH7814A Datasheet HTML 1Page - ATMEL Corporation TH7814A Datasheet HTML 2Page - ATMEL Corporation TH7814A Datasheet HTML 3Page - ATMEL Corporation TH7814A Datasheet HTML 4Page - ATMEL Corporation TH7814A Datasheet HTML 5Page - ATMEL Corporation TH7814A Datasheet HTML 6Page - ATMEL Corporation TH7814A Datasheet HTML 7Page - ATMEL Corporation TH7814A Datasheet HTML 8Page - ATMEL Corporation TH7814A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
Data Rate up to 50 MHz (2 Outputs at 25 MHz Each)
Pixel Size: 10 µm x 10 µm (10 µm Pitch)
300 to 1100 nm Spectral Range
High Sensitivity and Lag-free Photodiodes
Very Low Noise (30 pJ/cm2 Noise Equivalent Illumination)
Antiblooming
Exposure Control
20-lead 0.4" DIL Package
Electrical, Mechanical and Optical Compatibility Between the Two Products
The TH7813 and TH7814 linear arrays are based on Atmel’s most recent know-how in
terms of design and technology. Flexibility and performance of these devices give the
opportunity to use them in most vision systems for industrial applications (web inspec-
tion, process control, sorting and inspection of various parts), document scanning up
to 200 dpi, metrology, etc.
Pin Identification
All pins must be connected
Pin Number
Symbol
Function
4, 17
VDD1,2
Output Amplifiers Drain Supply
3, 18
VOS1,2
Video Outputs
5
VS
Output Amplifiers Substrate Bias
20
VDR
Reset Drain Supply
2
VGS
Output Gate Bias
14
ΦL1
Readout Register Clocks
13
ΦL2
15
ΦR
Reset Clock
10
ΦA
Antiblooming Gate Bias/Clock
7
VA
Antiblooming Drain Bias
8
VST
Storage Gate Bias
11
ΦPTransfer Gate Clock
1, 6, 9, 12, 16, 19
VSS
Ground, Optical Shield Grounding
(Internally Connected)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VSS
VGS
VOS1
VDD1
VS
VSS
VA
VST
VSS
ΦA
VDR
VSS
VOS2
VDD2
VSS
ΦR
ΦL1
ΦL2
VSS
ΦP
TH7813A
TH7814A
50 MHz
1024/2048
Linear CCDs
TH7813A
TH7814A
Rev. 1990A–IMAGE–05/02


Similar Part No. - TH7814A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7815ACC ATMEL-TH7815ACC Datasheet
220Kb / 9P
   50 MHz 4096 Linear CCDs
More results

Similar Description - TH7814A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7815ACC ATMEL-TH7815ACC Datasheet
220Kb / 9P
   50 MHz 4096 Linear CCDs
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
NEC
UPD3575 NEC-UPD3575 Datasheet
228Kb / 9P
   1024 BIT LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
CCD134 ETC-CCD134 Datasheet
450Kb / 8P
   1024-Element Linear Image Sensor
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
NEC
UPD3573 NEC-UPD3573 Datasheet
223Kb / 9P
   2048-BIT CCD LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
CCD143A ETC2-CCD143A Datasheet
844Kb / 12P
   2048-Element High Speed Linear Image Sensor
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com