Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ32 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUZ32
Description  Nanosecond Switching Speeds
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ32 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUZ32 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ32 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
BUZ32
·ELECTRICAL CHARACTERISTICS (T
C=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
200
V
VGS(TH)
Gate Threshold Voltage
VDS= VGS; ID= 1mA
2.1
4
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 10V; ID= 4.5A
0.4
Ω
IGSS
Gate Source Leakage Current
VGS= ±20V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 200V; VGS= 0
250
uA
VSD
Diode Forward Voltage
IF= 19A; VGS= 0
1.7
V
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ32

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ32 SIEMENS-BUZ32 Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ32 INTERSIL-BUZ32 Datasheet
47Kb / 6P
   9.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ32 INFINEON-BUZ32 Datasheet
90Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Siemens Semiconductor G...
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
More results

Similar Description - BUZ32

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
   Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
IRF121 ISC-IRF121 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
IRF122 ISC-IRF122 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
IRF234 ISC-IRF234 Datasheet
48Kb / 2P
   Nanosecond Switching speeds
IRF237 ISC-IRF237 Datasheet
48Kb / 2P
   Nanosecond Switching speeds
IRF123 ISC-IRF123 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
IRF235 ISC-IRF235 Datasheet
48Kb / 2P
   Nanosecond Switching speeds
IRF246 ISC-IRF246 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com