Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7813A Datasheet(PDF) 8 Page - ATMEL Corporation

Part # TH7813A
Description  50 MHz 1024/2048 Linear CCDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7813A Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TH7813A Datasheet HTML 2Page - ATMEL Corporation TH7813A Datasheet HTML 3Page - ATMEL Corporation TH7813A Datasheet HTML 4Page - ATMEL Corporation TH7813A Datasheet HTML 5Page - ATMEL Corporation TH7813A Datasheet HTML 6Page - ATMEL Corporation TH7813A Datasheet HTML 7Page - ATMEL Corporation TH7813A Datasheet HTML 8Page - ATMEL Corporation TH7813A Datasheet HTML 9Page - ATMEL Corporation TH7813A Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
TH7813A/TH7814A
1990A–IMAGE–05/02
Spectral Responsivity
The following curve shows the typical responsivity for TH7813A and TH7814A.
Figure 8. Spectral Responsivity
0
2
4
6
8
10
12
200
300
400
500
600
700
800
900
1000
1100
Wavelength (nm)


Similar Part No. - TH7813A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7815ACC ATMEL-TH7815ACC Datasheet
220Kb / 9P
   50 MHz 4096 Linear CCDs
More results

Similar Description - TH7813A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7815ACC ATMEL-TH7815ACC Datasheet
220Kb / 9P
   50 MHz 4096 Linear CCDs
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
NEC
UPD3575 NEC-UPD3575 Datasheet
228Kb / 9P
   1024 BIT LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
CCD134 ETC-CCD134 Datasheet
450Kb / 8P
   1024-Element Linear Image Sensor
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
NEC
UPD3573 NEC-UPD3573 Datasheet
223Kb / 9P
   2048-BIT CCD LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
CCD143A ETC2-CCD143A Datasheet
844Kb / 12P
   2048-Element High Speed Linear Image Sensor
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com