Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRL12280W Datasheet(PDF) 2 Page - CSB Battery Co., Ltd.

Part # HRL12280W
Description  Cells Per Unit 6 Voltage Per Unit 12
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

HRL12280W Datasheet(HTML) 2 Page - CSB Battery Co., Ltd.

  HRL12280W_16 Datasheet HTML 1Page - CSB Battery Co., Ltd. HRL12280W_16 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
68
Charging Procedures
Charge Voltage(V/Cell)
Application
Temperature
Set Point
Allowable Range
Max.Charge Current
Cycle Use
25 (77 )
2.45
2.40~2.50
Standby
25 (77 )
2.275
2.25~2.30
0.1PA
Final Discharge
Voltage V/Cell
1.75
1.70
1.60
1.30
Discharge
Power(W)
0.1P>(W) 0.1P (W)<0.25P
0.25P (W)<1.0P
(W) 1.0P
2.60
3
0
6
9
12
15
18
2.20
2.40
2.00
1.80
1.60
1.40
0.049
0.035
0.042
0.028
0.021
0.014
0.007
140
100
120
80
60
40
20
)Ratio
1PWx15Min
1PWx7.5Min
0.025PA
2.60
3
0
6
9
12
15
18
2.20
2.40
2.00
1.80
1.60
1.40
0.049
0.035
0.042
0.028
0.021
0.014
0.007
140
100
120
80
60
40
20
)Ratio
1PWx15Min
1PWx7.5Min
0.025PA
14.70V
2.45V
HRL 12280W
12V 280W
GLOBAL HQ
CSB BATTERY CO., LTD. (TAIWAN)
Tel : +886-2-2880-5600
Fax : +886-2-2888-3300
mail : service@csb-battery.com.tw
AMERICA HQ
CSB BATTERY TECHNOLOGIES INC. (U.S.A)
Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872)
Fax : +1-817-244-4445
mail : csb@csb-battery.com
EUROPE HQ
CSB Battery Europe BV.
Tel : +31(0)-180-418-140
Fax : +31(0)-180-418-327
mail : eurosales@csb-battery.eu
BEIJING OFFICE. (CHINA)
CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD.
Tel : +86-10-5820-5336/5338
Fax : +86-10-58203053
mail : chinasls@csb-battery.com
SHANGHAI OFFICE. (CHINA)
CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD.
Tel : +86-21-5046-1622/5046-0833
Fax : +86-21-5064-1046
mail : chinasls@csb-battery.com
SHENZHEN OFFICE.( CHINA )
CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD.
Tel : +86-755-8831-6488/6396/6356
Fax : +86-755-8831-6548
mail : she@csb-battery.com.cn


Similar Part No. - HRL12280W_16

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HRL12280W CSB-BATTERY-HRL12280W_17 Datasheet
389Kb / 1P
   Valve Regulated Lead Acid Battery
More results

Similar Description - HRL12280W_16

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GP12650 CSB-BATTERY-GP12650_16 Datasheet
782Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HR1290W CSB-BATTERY-HR1290W_16 Datasheet
2Mb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
GPL12750 CSB-BATTERY-GPL12750_16 Datasheet
694Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HRL12540W CSB-BATTERY-HRL12540W_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
TPL12800 CSB-BATTERY-TPL12800_16 Datasheet
660Kb / 2P
   Cells per unit 6 Voltage per unit 12
TPL12900 CSB-BATTERY-TPL12900_16 Datasheet
670Kb / 2P
   Cells per unit 6 Voltage per unit 12
UPS12460 CSB-BATTERY-UPS12460_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
XHRL12620W CSB-BATTERY-XHRL12620W_16 Datasheet
2Mb / 2P
   Cells per unit 6 Voltage per unit 12
GPL12260 CSB-BATTERY-GPL12260_16 Datasheet
742Kb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
HRL1223W CSB-BATTERY-HRL1223W_16 Datasheet
2Mb / 2P
   Cells Per Unit 6 Voltage Per Unit 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com