Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262ID
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2262ID Datasheet HTML 7Page - Texas Instruments TLC2262ID Datasheet HTML 8Page - Texas Instruments TLC2262ID Datasheet HTML 9Page - Texas Instruments TLC2262ID Datasheet HTML 10Page - Texas Instruments TLC2262ID Datasheet HTML 11Page - Texas Instruments TLC2262ID Datasheet HTML 12Page - Texas Instruments TLC2262ID Datasheet HTML 13Page - Texas Instruments TLC2262ID Datasheet HTML 14Page - Texas Instruments TLC2262ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2264C operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
T †
TLC2264C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VO =1 4Vto2 6V
RL =50kه
25
°C
0.35
0.55
SR
Slew rate at unity gain
VO = 1.4 V to 2.6 V,
CL = 100 pF‡
RL = 50 kه,
Full
03
V/
µs
CL = 100 F‡
range
0.3
V
Equivalent input noise voltage
f = 10 Hz
25
°C
40
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
12
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise
f = 0.1 Hz to 1 Hz
25
°C
0.7
µV
VN(PP)
q
voltage
f = 0.1 Hz to 10 Hz
25
°C
1.3
µV
In
Equivalent input noise current
25
°C
0.6
fA /
√Hz
THD+N
Total harmonic distortion plus noise
VO = 0.5 V to 2.5 V,
f
20 kHz
AV = 1
25
°C
0.017%
THD + N
Total harmonic distortion plus noise
f = 20 kHz,
RL = 50 kه
AV = 10
25
°C
0.03%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF‡
RL = 50 kه,
25
°C
0.71
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 2 V,
RL = 50 kه,
AV = 1,
CL = 100 pF‡
25
°C
185
kHz
AV = – 1,
To 0 1%
64
t
Settling time
AV = 1,
Step = 0.5 V to 2.5 V,
To 0.1%
25
°C
6.4
µs
ts
Settling time
,
RL = 50 kه,
To 0 01%
25
°C
14 1
µs
L
CL = 100 pF‡
To 0.01%
14.1
φm
Phase margin at unity gain
RL =50kه
CL = 100 pF‡
25
°C
56
°
Gain margin
RL = 50 kه,
CL = 100 pF‡
25
°C
11
dB
† Full range is 0
°C to 70°C.
‡ Referenced to 2.5 V


Similar Part No. - TLC2262ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2262ID TI-TLC2262ID Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262ID TI-TLC2262ID Datasheet
1Mb / 76P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262ID TI-TLC2262ID Datasheet
1Mb / 75P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262ID TI1-TLC2262ID Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262IDG4 TI-TLC2262IDG4 Datasheet
1Mb / 76P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2262ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com