Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37736MHLXXXHP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M37736MHLXXXHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37736MHLXXXHP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M37736MHLXXXHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37736MHLXXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37736MHLXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37736MHLXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37736MHLXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37736MHLXXXHP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37736MHLXXXHP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37736MHLXXXHP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37736MHLXXXHP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
MITSUBISHI MICROCOMPUTERS
M37736MHLXXXHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Limits
Min.
Max.
tsu(P0D–E)
Port P0 input setup time
200
ns
tsu(P1D–E)
Port P1 input setup time
200
ns
tsu(P2D–E)
Port P2 input setup time
200
ns
tsu(P3D–E)
Port P3 input setup time
200
ns
tsu(P4D–E)
Port P4 input setup time
200
ns
tsu(P5D–E)
Port P5 input setup time
200
ns
tsu(P6D–E)
Port P6 input setup time
200
ns
tsu(P7D–E)
Port P7 input setup time
200
ns
tsu(P8D–E)
Port P8 input setup time
200
ns
tsu(P10D–E)
Port P10 input setup time
200
ns
th(E–P0D)
Port P0 input hold time
0ns
th(E–P1D)
Port P1 input hold time
0ns
th(E–P2D)
Port P2 input hold time
0ns
th(E–P3D)
Port P3 input hold time
0ns
th(E–P4D)
Port P4 input hold time
0ns
th(E–P5D)
Port P5 input hold time
0ns
th(E–P6D)
Port P6 input hold time
0ns
th(E–P7D)
Port P7 input hold time
0ns
th(E–P8D)
Port P8 input hold time
0ns
th(E–P10D)
Port P10 input hold time
0ns
Limits
Min.
Max.
tc
External clock input cycle time (Note 3)
83
ns
tw(H)
External clock input high-level pulse width (Note 4)
33
ns
tw(L)
External clock input low-level pulse width (Note 4)
33
ns
tr
External clock rise time
15
ns
tf
External clock fall time
15
ns
Limits
Min.
Max.
tsu(D–E)
Data input setup time (external bus mode A)
50
ns
tsu(D–RDE)
Data input setup time (external bus mode B)
50
ns
tsu(RDY–
1)
___
RDY
input setup time
80
ns
tsu(HOLD–
1)
____
HOLD
input setup time
80
ns
th(E–D)
Data input hold time (external bus mode A)
0
ns
th(RDE–D)
Data input hold time (external bus mode B)
0
ns
th(
1–RDY)
___
RDY
input hold time
0ns
th(
1–HOLD)
____
HOLD
input hold time
0ns
TIMING REQUIREMENTS (VCC = 2.7 – 5.5 V, VSS = 0 V, Ta = –40 to +85 °C, f(XIN) = 12 MHz, unless otherwise noted (Note 1))
Notes 1. This applies when the main clock division selection bit = “0” and f(f2) = 6 MHZ.
2. Input signal’s rise/fall time must be 100 ns or less, unless otherwise noted.
External clock input
Unit
Symbol
Parameter
Notes 3. When the main clock division selection bit = “1”, the minimum value of tc = 166 ns.
4. When the main clock division selection bit = “1”, values of tw(H) / tc and tw(L) / tc must be set to values from 0.45 through 0.55.
Unit
Symbol
Parameter
Memory expansion mode and microprocessor mode
Single-chip mode
Unit
Symbol
Parameter


Similar Part No. - M37736MHLXXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37736MHLXXXHP MITSUBISHI-M37736MHLXXXHP Datasheet
538Kb / 29P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37736MHLXXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com