Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5130PT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5130PT
Description  TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5130PT Datasheet(HTML) 3 Page - Texas Instruments

  TPS5130PT Datasheet HTML 1Page - Texas Instruments TPS5130PT Datasheet HTML 2Page - Texas Instruments TPS5130PT Datasheet HTML 3Page - Texas Instruments TPS5130PT Datasheet HTML 4Page - Texas Instruments TPS5130PT Datasheet HTML 5Page - Texas Instruments TPS5130PT Datasheet HTML 6Page - Texas Instruments TPS5130PT Datasheet HTML 7Page - Texas Instruments TPS5130PT Datasheet HTML 8Page - Texas Instruments TPS5130PT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS5130
SLVS426 – MAY 2002
www.ti.com
3
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
4.5
28
Supply voltage
LDO_IN
1.1
3.6
V
Su
ly voltage
REG5V_IN
4.5
5.5
V
OUT1/2/3_u,LH1/2/3
–0.1
33
VIN_SENSE1/2/3
4.5
28
STBY_LDO, LL1/2/3, TRIP, STBY_VREF3.3/5
–0.1
28
Input voltage, VI
LDO_GATE
–0.1
8
V
In ut voltage, VI
INV1/2/3, INV_LDO, CT, PWM_SEL, FLT, PG_DELAY, SS_STBY1/2/3
–0.1
6
V
PGOUT, FB1/2/3, OUT1/2/3_d
–0.1
5.5
LDO_CUR, LDO_OUT
–0.1
3.5
Oscillator frequency, fosc
300
500
kHz
Operating free-air temperature, TA
–40
85
°C
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, V(VIN) = V(VIN_SENSE12) = V(VIN_SENSE3) = 12 V (unless otherwise noted)
Supply Current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
TA = 25°C, V(LDO_IN) = 3.6 V,
V(CT) = V(INVx) = V(INV_LDO) = 0 V,
V(PWM_SEL) = 0 V
2
3
mA
ICC(STBY)
Standby current
V(SS_STBYx) = 0 V, V(STBY_LDO) = 0V,
V(STBY_VREF3.3/5) = 5 V
150
250
µA
ICC(S)
Shutdown current
V(SS_STBYx) = 0 V, V(STBY_LDO) = 0V,
V(STBY_VREF3.3/5) = 0 V
0.001
10
µA
Reference Voltage
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference voltage
0.85
V
TA = 25°C,
Iref = 50 µA
–1.5%
1.5%
Vref(tol) Reference voltage tolerance
TA = 0°C to 85°C,
Iref = 50 µA
–2%
2%
Vref(tol) Reference voltage tolerance
TA = –40°C to 85°C,
Iref = 50 µA
–2.5%
2.5%
Lineregulation
V(VIN) = 4.5 V to 28 V,
Iref = 50 µA
0.05
5
mV
Loadregulation
Iref = 0.1 µA to 1 mA
0.15
5
mV
5 V Internal Switch
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VT(LH)
Threshold voltage
High
REG5V IN voltage
4.2
4.8
V
VT(HL)
Threshold voltage
Low
REG5V_IN voltage
4.1
4.7
V
Vhys
Hysteresis
REG5V_IN voltage
30
200
mV
VREF5
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IO = 0 mA to 50 mA,
V(VIN) = 5.5 V to 28 V,
TA = 25°C
4.8
5.2
V
Lineregulation
V(VIN) = 5.5 V to 28 V,
IO = 10 mA
20
mV
Loadregulation
IO = 1 mA to 10 mA,
V(VIN) = 5.5 V
40
mV
IOS
Short-circuit output current
V(VREF5) = 0 V,
TA = 25°C
65
mA
VT(LH)
UVLO threshold voltage
High
VREF5 voltage
3.6
4.2
V
VT(HL)
UVLO threshold voltage
Low
VREF5 voltage
3.5
4.1
V
Vhys
Hysteresis
VREF5 voltage
30
200
mV


Similar Part No. - TPS5130PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130PT TI1-TPS5130PT Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
TPS5130PTG4 TI1-TPS5130PTG4 Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
TPS5130PTR TI1-TPS5130PTR Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
TPS5130PTRG4 TI1-TPS5130PTRG4 Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS5130PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Texas Instruments
TPS5130PTR TI1-TPS5130PTR Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com