Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2374ID
Description  FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2374ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2374ID Datasheet HTML 5Page - Texas Instruments TLV2374ID Datasheet HTML 6Page - Texas Instruments TLV2374ID Datasheet HTML 7Page - Texas Instruments TLV2374ID Datasheet HTML 8Page - Texas Instruments TLV2374ID Datasheet HTML 9Page - Texas Instruments TLV2374ID Datasheet HTML 10Page - Texas Instruments TLV2374ID Datasheet HTML 11Page - Texas Instruments TLV2374ID Datasheet HTML 12Page - Texas Instruments TLV2374ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270C − MARCH 2001 − REVISED DECEMBER 2003
9
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 1
−200
0
200
400
600
800
1000
0
0.4
0.8
1.2
1.6
2
2.4 2.7
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VDD = 2.7 V
TA = 25°C
VICR − Common-Mode Input Voltage − V
Figure 2
−200
0
200
400
600
800
1000
01
2
3
4
5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR − Common-Mode Input Voltage − V
VDD = 5 V
TA = 25 °C
Figure 3
−200
0
200
400
600
800
1000
02
46
8
10
12
14 15
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR − Common-Mode Input Voltage −V
VDD =15 V
TA = 25 °C
Figure 4
0
20
40
60
80
100
120
10
100
1 k
10 k
100 k
1 M
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
VDD = 5 V, 15 V
VDD = 2.7 V
Figure 5
−50
0
50
100
150
200
250
300
−40 −25 −10 5
20 35 50 65 80 95 110 125
VDD = 2.7 V, 5 V and 15 V
VIC = VDD/2
TA − Free-Air Temperature − °C
INPUT BIAS/OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
Figure 6
0
0.40
0.80
1.20
1.60
2
2.40
2.80
0
2
4
6
8
10 12 14 16 18 20 22 24
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD = 2.7 V
TA = 25 °C
TA = 125 °C
TA = 70 °C
TA = 0 °C
TA = 40 °C
Figure 7
0
0.40
0.80
1.20
1.60
2
2.40
2.80
01
23
4
5
6
7
89
10 11 12
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD = 2.7 V
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA =−40°C
Figure 8
0
0.50
1
1.50
2
2.50
3
3.50
4
4.50
5
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD = 5 V
TA = 125 °C
TA = 70 °C
TA = 25 °C
TA = 0 °C
TA = −40 °C
Figure 9
0
0.50
1
1.50
2
2.50
3
3.50
4
4.50
5
0
5
10
15
20
25
30
35
40
45
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VCC = 5 V
TA = −40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 125°C


Similar Part No. - TLV2374ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2374ID TI-TLV2374ID Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2374ID TI1-TLV2374ID Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2374IDG4 TI-TLV2374IDG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2374IDG4 TI1-TLV2374IDG4 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2374IDR TI-TLV2374IDR Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2374ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com