Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA747C Datasheet(PDF) 1 Page - Texas Instruments

Part # UA747C
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA747C Datasheet(HTML) 1 Page - Texas Instruments

  UA747C Datasheet HTML 1Page - Texas Instruments UA747C Datasheet HTML 2Page - Texas Instruments UA747C Datasheet HTML 3Page - Texas Instruments UA747C Datasheet HTML 4Page - Texas Instruments UA747C Datasheet HTML 5Page - Texas Instruments UA747C Datasheet HTML 6Page - Texas Instruments UA747C Datasheet HTML 7Page - Texas Instruments UA747C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
uA747C, uA747M
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS009A – D971, FEBRUARY 1971 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1990, Texas Instruments Incorporated
1
No Frequency Compensation Required
Low Power Consumption
Short-Circuit Protection
Offset-Voltage Null Capability
Wide Common-Mode and Differential
Voltage Ranges
No Latch-Up
Designed to Be Interchangeable With
Fairchild
µA747C and µA747M
description
The uA747 is a dual general-purpose operational
amplifier featuring offset-voltage null capability.
Each half is electrically similar to uA741.
The high common-mode input voltage range and
the absence of latch-up make this amplifier ideal
for voltage-follower applications. The device is
short-circuit protected and the internal frequency
compensation ensures stability without external
components. A low-value potentiometer may be
connected between the offset null inputs to null out
the offset voltage as shown in Figure 2.
The uA747C is characterized for operation from
0
°C to 70°C; the uA747M is characterized for
operation over the full military temperature range
of – 55
°C to 125°C.
symbol (each amplifier)
IN+
IN –
OUT
OFFSET N1
OFFSET N2
+
AVAILABLE OPTIONS
PACKAGE
VIO Max
14-PIN
20-PIN
TA
VIO Max
AT 25
°C
SMALL OUTLINE
(D)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
FLAT PACK
(W)
CHIP CARRIER
(FK)
0
°C
to
70
°C
6 mV
uA747CD
uA747CN
–55
°C
to
125
°C
5 mV
uA747MJ
uA747MW
uA747MFK
The D package is available taped and reeled. Add the suffix R to the device type, (i.e., uA747CDR).
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN –
IN +
OFFSET 1N2
VCC –
OFFSET 2N2
IN +
IN –
OFFSET 1N1
1 VCC +†
OUT
NC
OUT
2 VCC +†
OFFSET 2N1
D, J, N, OR W PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
OUT
NC
NC
NC
OUT
OFFSET 1N2
NC
VCC –
NC
OFFSET 2N2
uA747m ...FK PACKAGE
(TOP VIEW)
NC – No internal connection
† The two positive supply terminals (1 VCC + and 2 VCC +) are
connected together internally.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - UA747C

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747C TI1-UA747C Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747CD TI1-UA747CD Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747CDR TI1-UA747CDR Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747CN TI1-UA747CN Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - UA747C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI1-MC1458_14 Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
   General Purpose Dual Operational Amplifiers
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
   Dual general purpose operational Amplifiers.
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747C TI1-UA747C Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458_06 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com