Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1340-003 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SMP1340-003
Description  Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1340-003 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  SMP1340-003 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1340-003 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1340-003 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1340-003 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1340-003 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1340-003 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1340-003 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1340-003 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DATA SHEET • SMP1340 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200051O
3
2
1
0.035 (0.89 mm) Min.
0.044 (1.12 mm) Max.
0.0005 (0.01 mm) Min.
0.004 (0.10 mm) Max.
0.012 (0.30 mm) Min.
0.020 (0.50 mm) Max.
0.003 (0.080 mm) Min.
0.008 (0.20 mm) Max.
8° Max.
0.022 (0.55 mm) Ref.
0.110 (2.80 mm) Min.
0.120 (3.04 mm) Max.
0.083 (2.10 mm) Min.
0.104 (2.64 mm) Max.
0.037 (0.95 mm) Ref.
0.047 (1.20 mm) Min.
0.055 (1.40 mm) Max.
0.076 (1.92 mm) Ref.
0.020 (0.51 mm) Ref.
S1389
Dimensions are in inches (millimeters shown in parentheses)
Figure 7. SOT-23 Package Dimension Drawing
Notes:
1. Carrier tape: black conductive polycarbonate.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 5.40 mm width.
4. Tolerance ±0.10 mm.
5. Ten sprocket hole pitch cumulative tolerance: ±0.2 mm.
6. All measurements are in millimeters.
7. Alternative carrier tape dimensions are:
Ao = 3.3
Bo = 2.9
Ko = 1.22
3.10 (Ao)
1.0
2.2
2.70 (Bo)
4.00
4.00
(See Note 5)
2.00 ± 0.05
1.75 ± 0.10
A
A
A
0.25 ± 0.05
0.8 ± 0.05
1.20 (Ko)
ø1.00 Min.
R 0.5 Typ.
Pin 1 Indicator
ø1.5 + 0.1/–0
S1684b
R 0.3 Max
Figure 8. SOT-23 Tape and Reel Dimensions


Similar Part No. - SMP1340-003

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1340-003 ALPHA-SMP1340-003 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
More results

Similar Description - SMP1340-003

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com