Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G74DCURG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G74DCURG4
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G74DCURG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G74DCURG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G74DCURG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G74DCURG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G74DCURG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G74DCURG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G74DCURG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G74DCURG4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G74DCURG4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G74DCURG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC2G74
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
SCES203K – APRIL 1999 – REVISED JUNE 2005
Figure 1. Load Circuit and Voltage Waveforms
7


Similar Part No. - SN74LVC2G74DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74DCURG4 TI-SN74LVC2G74DCURG4 Datasheet
440Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74DCURG4 TI-SN74LVC2G74DCURG4 Datasheet
540Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74DCURG4 TI1-SN74LVC2G74DCURG4 Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
More results

Similar Description - SN74LVC2G74DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74 TI1-SN74LVC2G74_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
SN74AUC1G74 TI-SN74AUC1G74 Datasheet
266Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
451Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_08 Datasheet
440Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP_15 Datasheet
753Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI1-SN74LVC2G74-Q1_15 Datasheet
770Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Unisonic Technologies
U74LVC1G74 UTC-U74LVC1G74 Datasheet
185Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LVC2G74 TI-SN74LVC2G74_09 Datasheet
540Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI-SN74LVC2G74-Q1 Datasheet
153Kb / 10P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC1G74 TI1-SN74LVC1G74 Datasheet
720Kb / 19P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com