Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3021SO8A Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # V3021SO8A
Description  Ultra Low Power 1-Bit 32 kHz RTC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3021SO8A Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  V3021SO8A Datasheet HTML 1Page - EM Microelectronic - MARIN SA V3021SO8A Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3021SO8A Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3021SO8A Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3021SO8A Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3021SO8A Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3021SO8A Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3021SO8A Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3021SO8A Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R
V3021
Copyright © 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Timing Characteristics (standard temperature range)
VSS= 0V and TA=-40 to +85°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Max.
Min.
Typ.
Max.
Unit
VDD ≥ 2V
VDD = 5.0V ±10%
Chip select duration
tCS
Write cycle
200
50
ns
RAM access time (note 1)
tACC
CLOAD = 50pF
180
50
60
ns
Time between two transfers
tW
500
100
ns
Rise time (note 2)
tR
10
200
10
200
ns
Fall time (note 2)
tF
10
200
10
200
ns
Data valid to Hi-impedance (note 3)
tDF
10
100
15
30
40
ns
Write data settle time (note 4)
tDW
60
50
ns
Data hold time (note 5)
tDH
80
25
ns
Advance write time
tADW
25
10
ns
Write pulse time (note 6)
tWC
200
50
ns
Table 4
Timing Characteristics (standard temperature range)
VSS= 0V and TA=-40 to +125°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Max.
Min.
Typ.
Max.
Unit
VDD ≥ 2V
VDD = 5.0V ±10%
Chip select duration
tCS
Write cycle
200
60
ns
RAM access time (note 1)
tACC
CLOAD = 50pF
180
50
60
ns
Time between two transfers
tW
500
120
ns
Rise time (note 2)
tR
10
100
10
100
ns
Fall time (note 2)
tF
10
100
10
100
ns
Data valid to Hi-impedance (note 3)
tDF
10
100
5
30
50
ns
Write data settle time (note 4)
tDW
60
50
ns
Data hold time (note 5)
tDH
80
25
ns
Advance write time
tADW
25
15
ns
Write pulse time (note 6)
tWC
200
60
ns
Table 4 ex.
Note 1
: tACC starts from RD or CS , whichever activates last
Typically, tACC = 5 + 0.9 CEXT in ns; where CEXT (external parasitic capacitance) is in pF
Note 2
: CS ,
RD , DS , WR and R/ W rise and fall times are specified by tR and tF
Note 3
: tDF starts from RD or CS , whichever deactivates first
Note 4
: tDW ends at WR or CS , whichever deactivates first
Note 5
: tDH starts from WR or CS , whichever deactivates first
Note 6
: tWC starts from WR or CS , whichever activates last and ends at WR or CS , whichever deactivates first


Similar Part No. - V3021SO8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
Vishay Siliconix
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
Revision: 31-Jul-08
V30200C VISHAY-V30200C Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results

Similar Description - V3021SO8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com