Electronic Components Datasheet Search |
|
MAL215763561E3 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
MAL215763561E3 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 10 page 157 PUM-SI www.vishay.com Vishay BCcomponents Revision: 20-May-15 4 Document Number: 28338 For technical questions, contact: aluminumcaps2@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz • Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 % ORDERING EXAMPLE Electrolytic capacitor 157 series 1000 μF/200 V; ± 20 % Nominal case size: Ø 30 x 40 mm 2-terminal snap-in: Ordering code: MAL2 157 52102 E3 Former 12NC: 2222 157 52102 3-terminal snap-in: Ordering code: MAL2 157 72102 E3 Former 12NC: 2222 157 72102 30 x 25 31 27 25 100 30 x 30 31 32 30 100 30 x 35 31 37 35 100 30 x 40 31 42 40 100 30 x 45 31 47 45 100 30 x 50 31 52 50 100 35 x 25 36 27 33 50 35 x 30 36 32 40 50 35 x 35 36 37 48 50 35 x 40 36 42 55 50 35 x 45 36 47 63 50 35 x 50 36 52 72 50 35 x 60 36 62 82 50 DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES NOMINAL CASE SIZE Ø D x L Ø Dmax. Lmax. MASS (g) PACKAGING QUANTITIES (units per box) ELECTRICAL DATA SYMBOL DESCRIPTION CR Rated capacitance at 100 Hz/120 Hz IR Rated RMS ripple current at 120 Hz, 85 °C IL5 Max. leakage current after 5 min at UR ESR Typ./max. equivalent series resistance at 100 Hz (1) Z Typ./max. impedance at 10 kHz |
Similar Part No. - MAL215763561E3 |
|
Similar Description - MAL215763561E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |