Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF4002 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # UF4002
Description  Ultrafast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

UF4002 Datasheet(HTML) 1 Page - Diotec Semiconductor

  UF4002 Datasheet HTML 1Page - Diotec Semiconductor UF4002 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF4001 ... UF4007
UF4001 ... UF4007
Ultrafast Recovery Rectifier Diodes
Gleichrichterdioden mit ultraschnellem Sperrverzug
IFAV = 1 A
VF
< 1.0...1.7 V
Tjmax = 175°C
VRRM = 50...1000 V
IFSM = 30/33 A
trr
< 50...75 ns
Version 2015-11-20
~DO-41 / ~DO-204AC
Dimensions - Maße [mm]
Typical Applications
Rectification of higher frequencies,
High speed switching
Commercial grade 1)
Typische Anwendungen
Gleichrichtung hoher Frequenzen
Schnelles Schalten
Standardausführung 1)
Features
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1
)
Taped in ammo pack
5000
Gegurtet in Ammo-Pack
Weight approx.
0.3 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
UF4001
50
50
UF4002
100
100
UF4003
200
200
UF4004
400
400
UF4005
600
600
UF4006
800
800
UF4007
1000
1000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
1 A 3)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30/33 A
Rating for fusing – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 0.77±0.07
Ø 2.6
-0.1
Pb
RoHS


Similar Part No. - UF4002

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF4002 PFS-UF4002 Datasheet
177Kb / 2P
   ULTRA FAST RECTIFIER
logo
Won-Top Electronics
UF4002 WTE-UF4002 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4002 DGNJDZ-UF4002 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4002 TSC-UF4002 Datasheet
431Kb / 4P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
List of Unclassifed Man...
UF4002 ETC1-UF4002 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - UF4002

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
UF4003GP DIOTEC-UF4003GP Datasheet
125Kb / 2P
   Ultrafast Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
1N5807 EIC-1N5807 Datasheet
98Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
1N5807US EIC-1N5807US Datasheet
100Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
UF5400 DIOTEC-UF5400_15 Datasheet
140Kb / 2P
   Ultrafast Recovery Rectifier Diodes
1N4148 DIOTEC-1N4148_15 Datasheet
131Kb / 2P
   Ultrafast Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
UF4001 SUNMATE-UF4001 Datasheet
315Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
UF5400 SUNMATE-UF5400 Datasheet
305Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Advanced Power Technolo...
APT15D100BCT ADPOW-APT15D100BCT Datasheet
59Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BCA ADPOW-APT30D60BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D40LCT ADPOW-APT60D40LCT Datasheet
27Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com