Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215773681E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215773681E3
Description  Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215773681E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215773681E3 Datasheet HTML 1Page - Vishay Siliconix MAL215773681E3 Datasheet HTML 2Page - Vishay Siliconix MAL215773681E3 Datasheet HTML 3Page - Vishay Siliconix MAL215773681E3 Datasheet HTML 4Page - Vishay Siliconix MAL215773681E3 Datasheet HTML 5Page - Vishay Siliconix MAL215773681E3 Datasheet HTML 6Page - Vishay Siliconix MAL215773681E3 Datasheet HTML 7Page - Vishay Siliconix MAL215773681E3 Datasheet HTML 8Page - Vishay Siliconix MAL215773681E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
157 PUM-SI
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
3
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
TWO TERMINAL SNAP-IN
Fig. 2 - Two terminal snap-in
Fig. 3 - Mounting hole diagram
THREE TERMINAL SNAP-IN
Fig. 4 - Three terminal snap-in
Fig. 5 - Mounting hole diagram
Table 1
+ Terminal
- Terminal
L
Bottom view
5.8
mm
+ 0
- 1
Ø D
L + 2 max.
The minus terminal can be marked with a black dot or
with an imprinted “-” sign.
Ø 2 ± 0.1 (2 x)
10
± 0.1
Ø D
L + 2 max.
4 ± 0.5
L
The negative terminal has TWO pins which are BOTH
electrically connected.
Bottom view
Minus pole
marking
+ Terminal
- Terminal
Ø 2 ± 0.1 (2 x)
Ø 2.5 ± 0.1
3.3 ± 0.1
4.75 ± 0.1
10 ± 0.1
The 10 mm spacing of the 2 pin snap-in is used as the base
layout and a third hole is added.
The third hole is closer to the negative primary hole so that
polarization is always maintained, together with added
mechanical stability.
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
22 x 25
23
27
12
100
22 x 30
23
32
 16
100
22 x 35
23
37
 20
100
22 x 40
23
42
 23
100
25 x 25
26
27
 20
100
25 x 30
26
32
22
100
25 x 35
26
37
 24
100
25 x 40
26
42
 27
100
25 x 45
26
47
32
100
25 x 50
26
52
38
100


Similar Part No. - MAL215773681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215773681E3 VISHAY-MAL215773681E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
More results

Similar Description - MAL215773681E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com