Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215773102E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL215773102E3
Description  Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215773102E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL215773102E3 Datasheet HTML 1Page - Vishay Siliconix MAL215773102E3 Datasheet HTML 2Page - Vishay Siliconix MAL215773102E3 Datasheet HTML 3Page - Vishay Siliconix MAL215773102E3 Datasheet HTML 4Page - Vishay Siliconix MAL215773102E3 Datasheet HTML 5Page - Vishay Siliconix MAL215773102E3 Datasheet HTML 6Page - Vishay Siliconix MAL215773102E3 Datasheet HTML 7Page - Vishay Siliconix MAL215773102E3 Datasheet HTML 8Page - Vishay Siliconix MAL215773102E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
157 PUM-SI
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
5
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
85 °C
(A)
IL5
5 min
(mA)
TYP. ESR
100 Hz (1)
(m
)
MAX. ESR
100 Hz (1)
(m
)
TYP. Z
10 kHz
(m
)
MAX. Z
10 kHz
(m
)
ORDERING CODE
MAL2157.......
2-TERM.
3-TERM.
200
270
22 x 25
1.15
0.54
550
880
420
700
52271E3
72271E3
330
22 x 30
1.36
0.66
430
720
300
500
52331E3
72331E3
390
22 x 30
1.46
0.78
390
650
295
490
52391E3
72391E3
470
22 x 35
1.68
0.94
350
580
240
400
32471E3
12471E3
470
25 x 30
1.67
0.94
350
580
240
400
52471E3
72471E3
560
22 x 40
1.91
1.12
255
425
235
390
42561E3
22561E3
560
25 x 35
1.91
1.12
255
425
235
390
32561E3
12561E3
560
30 x 25
1.89
1.12
255
425
235
390
52561E3
72561E3
680
25 x 40
2.18
1.36
210
350
205
340
42681E3
22681E3
680
30 x 30
2.04
1.36
210
350
205
340
52681E3
72681E3
680
35 x 25
2.06
1.36
210
350
205
340
62681E3
82681E3
820
25 x 45
2.46
1.64
170
290
145
240
62821E3
82821E3
820
30 x 35
2.35
1.64
170
290
145
240
32821E3
12821E3
820
35 x 30
2.29
1.64
170
290
145
240
52821E3
72821E3
1000
30 x 40
2.66
2.00
140
235
135
225
52102E3
72102E3
1000
35 x 30
2.33
2.00
140
235
135
225
62102E3
82102E3
1200
30 x 45
2.98
2.40
120
200
110
190
32122E3
12122E3
1200
35 x 35
2.69
2.40
120
200
110
190
62122E3
82122E3
1500
30 x 50
3.31
3.00
110
180
95
155
42152E3
22152E3
1500
35 x 40
3.04
3.00
110
180
95
155
52152E3
72152E3
1800
35 x 45
3.36
3.60
100
160
80
130
42182E3
22182E3
2200
35 x 50
3.68
4.40
90
150
65
105
52222E3
72222E3
250
220
22 x 30
1.23
0.55
600
1080
420
700
53221E3
73221E3
270
22 x 30
1.32
0.67
490
880
335
560
43271E3
23271E3
270
25 x 25
1.23
0.67
490
880
335
560
53271E3
73271E3
330
22 x 35
1.53
0.82
400
720
255
430
33331E3
13331E3
330
25 x 30
1.56
0.82
400
720
255
430
53331E3
73331E3
390
22 x 40
1.74
0.97
330
610
250
425
43391E3
23391E3
390
30 x 25
1.58
0.97
330
610
250
425
53391E3
73391E3
470
25 x 35
1.87
1.17
280
505
190
320
33471E3
13471E3
470
30 x 30
1.89
1.17
280
505
190
320
53471E3
73471E3
560
25 x 40
2.12
1.40
240
425
185
310
43561E3
23561E3
560
30 x 30
1.97
1.40
240
425
185
310
53561E3
73561E3
560
35 x 25
1.80
1.40
240
425
185
310
63561E3
83561E3
680
25 x 45
2.29
1.70
200
350
155
260
63681E3
83681E3
680
30 x 35
2.28
1.70
200
350
155
260
33681E3
13681E3
680
35 x 30
2.20
1.70
200
350
155
260
53681E3
73681E3
820
30 x 40
2.57
2.05
160
290
125
210
53821E3
73821E3
820
35 x 35
2.54
2.05
160
290
125
210
63821E3
83821E3
1000
30 x 45
2.88
2.50
140
235
105
180
33102E3
13102E3
1000
35 x 40
2.86
2.50
140
235
105
180
53102E3
73102E3
1200
35 x 45
3.17
3.00
120
200
95
160
43122E3
23122E3
1500
35 x 50
3.49
3.75
90
160
85
140
53152E3
73152E3


Similar Part No. - MAL215773102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215773102E3 VISHAY-MAL215773102E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
More results

Similar Description - MAL215773102E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com