Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP150-3.3DRL Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SP150-3.3DRL
Description  150W Single Output with PFC Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP150-3.3DRL Datasheet(HTML) 1 Page - Astrodyne Corporation

  SP150-3.3DRL Datasheet HTML 1Page - Astrodyne Corporation SP150-3.3DRL Datasheet HTML 2Page - Astrodyne Corporation SP150-3.3DRL Datasheet HTML 3Page - Astrodyne Corporation SP150-3.3DRL Datasheet HTML 4Page - Astrodyne Corporation SP150-3.3DRL Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
150W Single Output with PFC Function
SP150/DRL series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage/Over
temperarure
Built-in active PFC function, PF >0.93
LED indicator for power on
Built-in constant current limiting circuit
Low profile: 33mm thickness
Fixed switching frequency at PFC:67KHz PWM:134KHz
Model Number Output Volts Output Amps
Ripple & Noise
Min Load
DC Volt Adjust Load Reg Efficiency
SINGLE OUTPUT
SP150-3.3/DRL
3.3 Volts(DC)
30 Amps
100mV pk-pk
0~30Amps
3.14~3.63Volt(DC)
±1.0%
67%
SP150-5/DRL
5 Volts(DC)
30 Amps
100mV pk-pk
0~30Amps
4.75~5.5Volt(DC)
±1.0%
75%
SP150-7.5/DRL
7.5 Volts(DC)
20 Amps
100mV pk-pk
0~20Amps
7.13~8.25Volt(DC)
±1.0%
79%
SP150-12/DRL
12 Volts(DC)
12.5 Amps
100mV pk-pk
0~12.5Amps
11.4~13.2Volt(DC
±0.5%
80%
SP150-13.5/DRL
13.5 Volts(DC)
11.2 Amps
100mV pk-pk
0~11.2Amps
12.8~14.9Volt(DC)
±0.5%
80%
SP150-15/DRL
15 Volts(DC)
10 Amps
100mV pk-pk
0~10Amps
14.3~16.5Volt(DC)
±0.5%
81%
SP150-24/DRL
24 Volts(DC)
6.3Amps
150mV pk-pk
0~6.3Amps
22.8~26.4Volt(DC)
±0.5%
83%
SP150-27/DRL
27 Volts(DC)
5.6 Amps
150mV pk-pk
0~5.6Amps
25.7~29.7Volt(DC)
±0.5%
84%
SP150-48/DRL
48 Volts(DC)
3.2 Amps
250mV pk-pk
0~3.2Amps
45.6~52.8Volt(DC)
±0.5%
84%


Similar Part No. - SP150-3.3DRL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP150-3.3 ASTRODYNE-SP150-3.3 Datasheet
344Kb / 4P
   150W Single Output with PFC Function
More results

Similar Description - SP150-3.3DRL

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
EPP-150 MEANWELL-EPP-150_13 Datasheet
1Mb / 3P
   150W SINGLE OUTPUT WITH PFC FUNCTION
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150 Datasheet
583Kb / 3P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
LPP150 ASTRODYNE-LPP150 Datasheet
344Kb / 4P
   150W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com