Electronic Components Datasheet Search |
|
MAL215747221E3 Datasheet(PDF) 7 Page - Vishay Siliconix |
|
MAL215747221E3 Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 10 page 157 PUM-SI www.vishay.com Vishay BCcomponents Revision: 20-May-15 7 Document Number: 28338 For technical questions, contact: aluminumcaps2@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz 500 47 22 x 25 0.68 0.24 2834 3540 2095 2930 59479E3 79479E3 68 22 x 30 0.85 0.34 1961 2450 1451 2030 59689E3 79689E3 68 25 x 25 0.86 0.34 1979 2470 1469 2060 49689E3 29689E3 100 22 x 35 1.07 0.50 1339 1670 992 1390 59101E3 79101E3 100 25 x 30 1.08 0.50 1349 1690 1003 1400 49101E3 29101E3 100 30 x 25 1.13 0.50 1375 1720 1030 1440 39101E3 19101E3 120 22 x 40 1.24 0.60 1117 1400 828 1160 59121E3 79121E3 120 25 x 35 1.23 0.60 1122 1400 833 1170 49121E3 29121E3 150 25 x 40 1.43 0.75 901 1130 670 940 59151E3 79151E3 150 30 x 30 1.42 0.75 922 1150 693 970 49151E3 29151E3 180 25 x 45 1.65 0.90 752 940 560 780 59181E3 79181E3 180 30 x 35 1.61 0.90 765 960 573 800 49181E3 29181E3 220 30 x 40 1.84 1.10 629 790 472 660 59221E3 79221E3 220 35 x 30 1.83 1.10 660 830 505 710 49221E3 29221E3 270 30 x 45 2.11 1.35 515 640 387 540 59271E3 79271E3 270 35 x 35 2.09 1.35 534 670 408 570 49271E3 29271E3 330 30 x 50 2.40 1.65 426 530 322 450 59331E3 79331E3 330 35 x 40 2.36 1.65 441 550 337 470 49331E3 29331E3 390 35 x 45 2.63 1.95 374 470 286 400 59391E3 79391E3 470 35 x 50 2.92 2.35 316 400 244 340 59471E3 79471E3 560 35 x 60 3.40 2.80 262 330 201 280 59561E3 79561E3 ADDITIONAL ELECTRICAL DATA PARAMETER CONDITIONS VALUE Voltage Surge voltage 400 V versions Us = 1.1 x UR 250 V versions Us = 1.15 x UR Reverse voltage 1 V Current Leakage current After 5 min at UR IL5 0.01 CR x UR Inductance Equivalent series inductance (ESL) All case sizes Typ. 19 nH Max. 25 nH ELECTRICAL DATA AND ORDERING INFORMATION UR (V) CR 100 Hz (μF) NOMINAL CASE SIZE Ø D x L (mm) IR 120 Hz 85 °C (A) IL5 5 min (mA) TYP. ESR 100 Hz (1) (m ) MAX. ESR 100 Hz (1) (m ) TYP. Z 10 kHz (m ) MAX. Z 10 kHz (m ) ORDERING CODE MAL2157....... 2-TERM. 3-TERM. |
Similar Part No. - MAL215747221E3 |
|
Similar Description - MAL215747221E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |