Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-94MT160KPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-94MT160KPBF
Description  Three Phase AC Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-94MT160KPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-94MT160KPBF Datasheet HTML 1Page - Vishay Siliconix VS-94MT160KPBF Datasheet HTML 2Page - Vishay Siliconix VS-94MT160KPBF Datasheet HTML 3Page - Vishay Siliconix VS-94MT160KPBF Datasheet HTML 4Page - Vishay Siliconix VS-94MT160KPBF Datasheet HTML 5Page - Vishay Siliconix VS-94MT160KPBF Datasheet HTML 6Page - Vishay Siliconix VS-94MT160KPBF Datasheet HTML 7Page - Vishay Siliconix VS-94MT160KPBF Datasheet HTML 8Page - Vishay Siliconix VS-94MT160KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-54-94-104MT..KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 03-Mar-14
5
Document Number: 94351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 11 - Current Ratings Characteristic
Fig. 12 - Forward Voltage Drop Characteristics
50
450
350
400
300
250
150
200
100
0
RMS Output Current (A)
30
10
20
40
50
90 100
60
70
80
0
180°
120°
90°
60°
30°
94MT..K Series
T
J = 125 °C
Device fully
turned-on
Conduction angle
Ø
0
50
350
400
450
300
250
200
150
100
Maximum Allowable Ambient
Temperature (°C)
75
100
125
50
25
0
0.15
K/W
0.3
K/W
0.5
K/W
0.7 K/W
1.0 K/W
1.5 K/W
700
750
650
600
550
500
450
400
350
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
94MT..K Series
Per junction
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
900
800
700
600
500
400
300
1000
Pulse Train Duration (s)
0.01
0.1
1
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
94MT..K Series
Per junction
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
90
80
70
60
120
130
100
110
RMS Output Current (A)
20
40
100
120
60
80
0
104MT..K Series
Device fully turned-on
Per single AC switch
For all conduction angles
I
RMS
~
1
100
10
1000
Instantaneous On-State Voltage (V)
1234
5
0
T
J = 25 °C
104MT..K Series
Per junction
T
J = 125 °C


Similar Part No. - VS-94MT160KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-9.MT...K VISHAY-VS-9.MT...K Datasheet
228Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2019
VS-9.MT...K VISHAY-VS-9.MT...K Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-9.MT...KPBF VISHAY-VS-9.MT...KPBF Datasheet
226Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2022
VS-9.MT...KPBF VISHAY-VS-9.MT...KPBF Datasheet
233Kb / 10P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
01-Jan-2023
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF Datasheet
220Kb / 8P
   High thermal conductivity package, electrically insulated case
Revision: 03-Mar-14
More results

Similar Description - VS-94MT160KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
104MT IRF-104MT Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
54MT100KB IRF-54MT100KB Datasheet
156Kb / 10P
   THREE PHASE AC SWITCH
logo
Green Power Solutions s...
GOA94004C GPSEMI-GOA94004C_17 Datasheet
101Kb / 3P
   THREE PHASE AC-SWITCH
GOA94010 GPSEMI-GOA94010_17 Datasheet
96Kb / 3P
   THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009_17 Datasheet
105Kb / 2P
   THREE PHASE AC-SWITCH
GOA95002W GPSEMI-GOA95002W Datasheet
103Kb / 2P
   THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009 Datasheet
398Kb / 2P
   THREE PHASE AC-SWITCH
GOA94024 GPSEMI-GOA94024 Datasheet
332Kb / 3P
   THREE PHASE AC-SWITCH
GOA95010 GPSEMI-GOA95010 Datasheet
96Kb / 3P
   THREE PHASE AC-SWITCH
GOA95020 GPSEMI-GOA95020 Datasheet
105Kb / 3P
   THREE PHASE AC-SWITCH
GOA95024 GPSEMI-GOA95024 Datasheet
98Kb / 3P
   THREE PHASE AC-SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com