Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX584C5V1 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BZX584C5V1
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX584C5V1 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BZX584C5V1 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584C5V1 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584C5V1 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584C5V1 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584C5V1 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-523 Plastic-Encapsulate Diode
BZX584C2V4-BZX584C43 ZENER DIODE
FEATURES
Planar Die Construction
150mW Power Dissipation
Zener Voltages from 2.4 – 43V
MAXIMUM RATINGS(Ta=25℃ unless otherwise specified)
Characteristic
Symbol
Value
Unit
Forward Voltage
@IF=10mA
VF
0.9
V
Power Dissipation
PD
150
mW
Thermal Resistance
from Junction to Ambient
RθJA
833
/
W
Junction Temperature
Tj
150
SOD-523
Storage Temperature
Tstg
-
55~+150
www.cj-elec.com
1
E,Mar,2015


Similar Part No. - BZX584C5V1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX584C5V1 PANJIT-BZX584C5V1 Datasheet
100Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
BZX584C5V1 PANJIT-BZX584C5V1 Datasheet
101Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
BZX584C5V1 CHENDA-BZX584C5V1 Datasheet
308Kb / 3P
   Zener Diode
logo
Diode Semiconductor Kor...
BZX584C5V1 DSK-BZX584C5V1 Datasheet
250Kb / 3P
   Zener Diode
logo
SHENZHEN SLS TECHNOLOGY...
BZX584C5V1 SHENZHENSLS-BZX584C5V1 Datasheet
115Kb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - BZX584C5V1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com