Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R0.5S-3.305 Datasheet(PDF) 1 Page - Recom International Power

Part # R0.5S-3.305
Description  0.5 Watt SMD Isolated Single or Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5S-3.305 Datasheet(HTML) 1 Page - Recom International Power

  R0.5S-3.305 Datasheet HTML 1Page - Recom International Power R0.5S-3.305 Datasheet HTML 2Page - Recom International Power R0.5S-3.305 Datasheet HTML 3Page - Recom International Power R0.5S-3.305 Datasheet HTML 4Page - Recom International Power R0.5S-3.305 Datasheet HTML 5Page - Recom International Power R0.5S-3.305 Datasheet HTML 6Page - Recom International Power R0.5S-3.305 Datasheet HTML 7Page - Recom International Power R0.5S-3.305 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
R0.5S_D
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
0.5 Watt SMD
Isolated
Single or Dual
Output
Derating-Graph
(Ambient Temperature)
1 : 1 Input Range
0.5W SMD Package
Efficiency up to 80%
Approved for Medical Applications
1kVDC and 3 kVDC Isolation Option
Operating Temperature from -40°C to +100°C
Features
Unregulated
Converter
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
typ.
Capacitive
SMD
(VDC)
(VDC)
(mA)
(%)
Load(1)**
R0.5S**-3.305*
3.3
5
100
80
1000µF
R0.5S**-3.312*
3.3
12
42
77
150µF
R0.5S**-3.315*
3.3
15
33
77
150µF
R0.5S**-0505*
5
5
100
72
1000µF
R0.5S**-0512*
5
12
42
77
150µF
R0.5S**-0515*
5
15
33
79
150µF
R0.5S**-1205*
12
5
100
74
1000µF
R0.5S**-1212*
12
12
42
75
150µF
R0.5S**-1215*
12
15
33
75
150µF
R0.5S**-2405*
24
5
100
75
1000µF
R0.5S**-2412*
24
12
42
77
150µF
R0.5S**-2415*
24
15
33
77
150µF
R0.5D**-3.305*
3.3
±5
±50
79
±470µF
R0.5D**-3.312*
3.3
±12
±21
76
±68µF
R0.5D**-3.315*
3.3
±15
±17
77
±68µF
R0.5D**-0505*
5
±5
±50
79
±470µF
R0.5D**-0512*
5
±12
±21
77
±68µF
R0.5D**-0515*
5
±15
±17
79
±68µF
R0.5D**1205*
12
±5
±50
76
±470µF
R0.5D**1212*
12
±12
±21
75
±68µF
R0.5D**1215*
12
±15
±17
75
±68µF
R0.5D**2405*
24
±5
±50
77
±470µF
R0.5D**2412*
24
±12
±21
75
±68µF
R0.5D**2415*
24
±15
±17
75
±68µF
Refer to Application Notes
*add Suffix “/H” for 3kVDC Isolation Voltage
*add Suffix “/P“ for continuous short circuit protection
*add Suffix “-R“ for tape & reel packing
For more details and dimensions of the tapes and reels see Application Notes
R0.5S**:
**without marking denotes 5 pins out of 8 fitted (includes „/H“ option)
**with marking 8 denotes 8 pins out of 8 fitted („/H“ option not available)
**with marking 12 denotes 10 pins out of 12 fitted (includes „/H“ option)
R0.5D**:
**without marking denotes 6 pins out of 10 fitted (includes „/H“ option)
**with marking 10 denotes 10 pins out of 10 fitted („/H“ option not available)
**with marking 12 denotes 10 pins out of 12 fitted (includes „/H“ option)
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
UL-60950-1 Certified
E358085
RoHS
2011/65/EU
6/6
REV: 0/2015
www.recom-power.com
E-16


Similar Part No. - R0.5S-3.305

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.5S-D RECOM-R0.5S-D Datasheet
120Kb / 8P
   Approved for Medical Applications
More results

Similar Description - R0.5S-3.305

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
RP03-1233SB RECOM-RP03-1233SB Datasheet
104Kb / 4P
   3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
RP03-053.3SE RECOM-RP03-053.3SE Datasheet
102Kb / 4P
   3 Watt DIP4 & SMD, Single & Dual Isolated Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
logo
Power-One
CRD512 POWER-ONE-CRD512 Datasheet
45Kb / 2P
   DUAL OUTPUT, 0.5 WATT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com