Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R0.25S-D Datasheet(PDF) 2 Page - Recom International Power

Part # R0.25S-D
Description  0.25 Watt SMD Single, Dual Independent Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25S-D Datasheet(HTML) 2 Page - Recom International Power

  R0.25S-D Datasheet HTML 1Page - Recom International Power R0.25S-D Datasheet HTML 2Page - Recom International Power R0.25S-D Datasheet HTML 3Page - Recom International Power R0.25S-D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Efficiency at Full Load
60%-70%
Minimum Load = 0%
Specifications valid for 10% minimum load only
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
H-Suffix
(tested for 1 second)
3000VDC
(rated for 1 minute***)
1500VAC / 60Hz
R0.25DA Output/ Output Isolation Voltage
(tested for 1 second)
1000VDC
Isolation Capacitance
75pF max.
Isolation Resistance
Viso=500V
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-50°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), Peak 255°C (5 sec) max.
Vapor Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Humidity Susceptibility Test
1000 hrs / 90% humidity / +85°C ambient
Package weight
1.0g (R0.25S), 1.2g (R0.25D(A))
Packing Quantity
R0.25S, R0.25S8
40 pcs per Tube
R0.25S12, R0.25D, R0.25D10
33 pcs per tube
R0.25D12, R0.25DA
33 pcs per tube
All Types
500 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
4423 x 103 hours
(+85°C)
using MIL-HDBK 217F
2161 x 103 hours
Certifications
Conducted / Radiated Emissions
EN55022
Level A
CB Test Report
Report: US/14402A/UL
IEC 60950-1:2001 1st Ed.
UL General Safety
Report: E358085
UL 60950-1 2nd Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD1205098-2 + RM1205098-2
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
EN General Safety
Report: SPCLVD1211033-3
EN60950-1:2006 + A12:2011
R0.25S_R0.25D
Series
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0505
1205
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
R0.25S**-xx05
}
Detailed Information see
Application Notes chapter "MTBF"
Typical Characteristics
+10%
+5%
V Nom.
+5%
– 1%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
Tolerance Envelope
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
1205
0505
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
3.305
0.000
5.000
10.000
15.000
20.000
25.000
1205
0505
R0.25D**-xx05
***Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our Application Notes.
Notes
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
REV: 0/2015
E-9
www.recom-power.com


Similar Part No. - R0.25S-D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.25S-0505 RECOM-R0.25S-0505 Datasheet
150Kb / 4P
   Features
R0.25S-0509 RECOM-R0.25S-0509 Datasheet
150Kb / 4P
   Features
R0.25S-0512 RECOM-R0.25S-0512 Datasheet
150Kb / 4P
   Features
R0.25S-0515 RECOM-R0.25S-0515 Datasheet
150Kb / 4P
   Features
R0.25S-0524 RECOM-R0.25S-0524 Datasheet
150Kb / 4P
   Features
More results

Similar Description - R0.25S-D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1DA RECOM-R1DA Datasheet
105Kb / 3P
   1 Watt SMD Dual Independent Outputs
RQS RECOM-RQS Datasheet
89Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQS-1.81.8 RECOM-RQS-1.81.8_06 Datasheet
102Kb / 3P
   0.25 Watt SMD Single & Dual Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
RM RECOM-RM_10 Datasheet
81Kb / 2P
   0.25 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RBL-3.305S-E RECOM-RBL-3.305S-E Datasheet
92Kb / 2P
   0.25 Watt SIP7 Isolated Single Output
RPM15-249.5S-DFW RECOM-RPM15-249.5S-DFW Datasheet
924Kb / 5P
   15-60 Watt Single, Dual & Triple Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com