Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-781.8-0.5 Datasheet(PDF) 1 Page - Recom International Power

Part # R-781.8-0.5
Description  0.5 AMP SIP3 Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-781.8-0.5 Datasheet(HTML) 1 Page - Recom International Power

  R-781.8-0.5 Datasheet HTML 1Page - Recom International Power R-781.8-0.5 Datasheet HTML 2Page - Recom International Power R-781.8-0.5 Datasheet HTML 3Page - Recom International Power R-781.8-0.5 Datasheet HTML 4Page - Recom International Power R-781.8-0.5 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I-2
www.recom-power.com
REV: 0/2015
INNOLINE
DC/DC-Converter
with 3 year Warranty
R-78-0.5
0.5 AMP
SIP3
Single Output
Efficiency up to 97%,Non isolated,
no need for heatsinks
Pin-out compatible with LM78XX Linears
Very low profile( L*W*H=11.5*7.5*10.2 )
Wide input range.(4.75V ~ 32V)
Short circuit protection, Thermal shutdown
Non standard outputs available as specials
Low ripple and noise
UL94V-0 package material
EMC, Safety Certified
See Innoline Application Notes for use as an
inverter (alternative to LM79xx Linear)
Features
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range
Voltage
Current
Min. Vin
Max. Vin
SIP3
(V)
(V)
(A)
(%)
(%)
R-781.5-0.5
4.75 – 30 (1)
1.5
0.5
73
63
R-781.8-0.5
4.75 – 32
1.8
0.5
82
71
R-782.5-0.5
4.75 – 32
2.5
0.5
87
77
R-783.3-0.5
4.75 (2) – 32
3.3
0.5
91
81
R-785.0-0.5
6.5 – 32
5.0
0.5
94
86
R-786.5-0.5
8.0 – 32
6.5
0.5
95
88
R-789.0-0.5
11 – 32
9.0
0.5
96
92
R-7812-0.5
15 – 32
12
0.5
97
94
R-7815-0.5
18 – 32
15
0.5
97
95
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
71
Safe Operating Area
85
40
Derating-Graph
(Ambient Temperature)
Note 1: 1.5V Output can be unstable with Vin>30VDC
Note 2: Refer to Dynamic Load Stability
The R-78xx-Series high efficiency switching regulators are ideally suited to replace 78xx linear regulators and are
pin compatible. The efficiency of up to 97% means that very little energy is wasted as heat so there is no need for
any heat sinks with their additional space and mounting costs. Low ripple and noise figures and short circuit , over-
load and over-temperature protection round off the specifications of this versatile converter series. This R-78xx-
0.5 is fully certified to EN 55022 (Emissions), and EN55024 (Immunity) EMC Standards and for EN-60950-1 Safety.
Description
EN-55022 Certified
EN-55024 Certified
IEC/EN-60950-1 Certified
R-78xx-0.5
-Vout
+Vout
+Vin
-Vin
C1
3.3µF~10µF*
* Input capacitor required if Vin>26VDC (3.3µF) or if the supply is a
battery or other low impedance source (4.7µF~10µF)
Capacitor should be electrolytic or MLCC with 1R resistor in series
Standard Application Circuit
RoHS
2011/65/EU
6/6
Refer to Application Notes


Similar Part No. - R-781.8-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-781.8-0.5 RECOM-R-781.8-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.8-0.5 RECOM-R-781.8-0.5 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.8-0.5 RECOM-R-781.8-0.5 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.8-0.5L RECOM-R-781.8-0.5L Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results

Similar Description - R-781.8-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com