Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-781.8-1.0 Datasheet(PDF) 2 Page - Recom International Power

Part # R-781.8-1.0
Description  1.0 AMP SIP3 Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-781.8-1.0 Datasheet(HTML) 2 Page - Recom International Power

  R-781.8-1.0 Datasheet HTML 1Page - Recom International Power R-781.8-1.0 Datasheet HTML 2Page - Recom International Power R-781.8-1.0 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50
5
Efficiency Vs Vin (Full Load)
Vo=1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
25
Vin ( V )
10
15
18
75
100
Efficiency
100
0.2
Efficiency Vs Load ( Vin=Max )
Vo=1.8V
Vo=3.3V
Vo=5V
Vo=2.5V
50
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
75
25
100
0.2
Efficiency Vs Load ( Vin=Min )
Vo=1.8V
Vo=3.3V
Vo=5V
Vo=2.5V
50
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
75
25
50
5
Ripple Vs Vin ( Full Load )
Vo=1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
25
Vin ( V )
10
15
18
Ripple
50
0.2
Ripple Vs Load ( Vin=Max )
Vo=1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
25
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
50
0.2
Ripple Vs Load ( Vin=Min )
Vo=1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
25
Output Current ( A )
0.4
0.6
0.8
1.0
1.2
R-78xx-1.0
Series
Characteristics
INNOLINE
DC/DC-Converter
*Note: Operation under no load will not damage these devices, however they may not meet all specifications. A minimum load of 10mA is recommended
www.recom-power.com
I-13
REV: 0/2015


Similar Part No. - R-781.8-1.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
More results

Similar Description - R-781.8-1.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com