Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R0.5Z-1512H Datasheet(PDF) 2 Page - Recom International Power

Part # R0.5Z-1512H
Description  0.5 Watt SMD Isolated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5Z-1512H Datasheet(HTML) 2 Page - Recom International Power

  R0.5Z-1512H Datasheet HTML 1Page - Recom International Power R0.5Z-1512H Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
100
0
40%
0%
100%
Total Output current (%)
40
Efficiency / Load
60%
80%
20%
20
60
80
0505
0515
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1205
1212
1215
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
2415
Total Output current (%)
2405
2412
Bottom View
0.50
Top View
10
2
4 5
RECOM
R0.5Z-xxxx
xxxx
1
15.24
6.8
2.54x4=10.16±0.5
7.05±0.5
2.54±0.5
12.00
1.80
10
7
24
15
1.20
7
11.10
10.7
8.50
R0.5Z-xx05
R0.5Z-xx12
R0.5Z-xx15
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter
Note 2:
The R0.5Z series requires a minimum of 10% load on the output to the maintain specified regulation. Operating under no-load
conditions will not damage these devices; however, they may not meet all listed specifications.
Pin Connections
Pin #
Function
1
–Vin
2
+Vin
4
-Vout
5
-Vout
7
+Vout
10
NC
NC= No Connection
10 PIN Single SMD Package
R0.5Z
Series
Specifications (Core Operating Area)
Conducted / Radiated Emissions
EN55022
Level A
Certifications
EN General Safety
Report-No.: SPCLVD1211033-3
EN60950-1:2006 + A12:2011
EN Medical Safety
Report: MDD1205098-2 + RM1205098-2
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
UL General Safety
Report-No.: E358085
UL60950-1, 2nd Edition
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-118


Similar Part No. - R0.5Z-1512H

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
R0.5ZX-0505 RECOM-R0.5ZX-0505 Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
More results

Similar Description - R0.5Z-1512H

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5S-3.305 RECOM-R0.5S-3.305 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5ZX RECOM-R0.5ZX Datasheet
388Kb / 5P
   0.5 Watt SMD Single Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R1Z RECOM-R1Z Datasheet
88Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-3.303 RECOM-RSZ-3.303 Datasheet
89Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ RECOM-RSZ_10 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com