Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6713BGDP225 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6713BGDP225
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713BGDP225 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320C6713BGDP225 Datasheet HTML 90Page - Texas Instruments TMS320C6713BGDP225 Datasheet HTML 91Page - Texas Instruments TMS320C6713BGDP225 Datasheet HTML 92Page - Texas Instruments TMS320C6713BGDP225 Datasheet HTML 93Page - Texas Instruments TMS320C6713BGDP225 Datasheet HTML 94Page - Texas Instruments TMS320C6713BGDP225 Datasheet HTML 95Page - Texas Instruments TMS320C6713BGDP225 Datasheet HTML 96Page - Texas Instruments TMS320C6713BGDP225 Datasheet HTML 97Page - Texas Instruments TMS320C6713BGDP225 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 150 page
background image
TMS320C6713, TMS320C6713B
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS186I − DECEMBER 2001 − REVISED MAY 2004
94
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table 46. C6713/13B Example Boards and Maximum EMIF Speed
BOARD CONFIGURATION
MAXIMUM ACHIEVABLE
TYPE
EMIF INTERFACE
COMPONENTS
BOARD TRACE
SDRAM SPEED GRADE
MAXIMUM ACHIEVABLE
EMIF-SDRAM
INTERFACE SPEED
143 MHz 32-bit SDRAM (−7)
100 MHz
1-Load
One bank of one
1 to 3-inch traces with proper
166 MHz 32-bit SDRAM (−6)
For short traces, SDRAM data
output hold time on these
1-Load
Short Traces
One bank of one
32-Bit SDRAM
pp
termination resistors;
Trace impedance ~ 50 Ω
183 MHz 32-bit SDRAM (−55)
output hold time on these
SDRAM speed grades cannot
meet EMIF input hold time
Trace impedance ~ 50 Ω
200 MHz 32-bit SDRAM (−5)
meet EMIF input hold time
requirement (see NOTE 1).
125 MHz 16-bit SDRAM (−8E)
100 MHz
2L d
O
bk f t
1.2 to 3 inches from EMIF to
h l d
i h
133 MHz 16-bit SDRAM (−75)
100 MHz
2-Loads
Short Traces
One bank of two
16-Bit SDRAMs
each load, with proper
termination resistors;
143 MHz 16-bit SDRAM (−7E)
100 MHz
Short Traces
16-Bit SDRAMs
termination resistors;
Trace impedance ~ 78 Ω
167 MHz 16-bit SDRAM (−6A)
100 MHz
Trace impedance ~ 78 Ω
167 MHz 16-bit SDRAM (−6)
100 MHz
125 MHz 16-bit SDRAM (−8E)
For short traces, EMIF cannot
meet SDRAM input hold
requirement (see NOTE 1).
3L d
One bank of two
1.2 to 3 inches from EMIF to
h l d
i h
133 MHz 16-bit SDRAM (−75)
100 MHz
3-Loads
Short Traces
One bank of two
32-Bit SDRAMs
each load, with proper
termination resistors;
143 MHz 16-bit SDRAM (−7E)
100 MHz
Short Traces
32 Bit SDRAMs
One bank of buffer
termination resistors;
Trace impedance ~ 78 Ω
167 MHz 16-bit SDRAM (−6A)
100 MHz
Trace impedance ~ 78 Ω
167 MHz 16-bit SDRAM (−6)
For short traces, EMIF cannot
meet SDRAM input hold
requirement (see NOTE 1).
143 MHz 32-bit SDRAM (−7)
83 MHz
One bank of one
32 Bit SDRAM
166 MHz 32-bit SDRAM (−6)
83 MHz
3-Loads
L
T
32-Bit SDRAM
One bank of one
4 to 7 inches from EMIF;
T
i
d
63 Ω
183 MHz 32-bit SDRAM (−55)
83 MHz
Long Traces
One bank of one
32-Bit SBSRAM
One bank of buffer
Trace impedance ~ 63 Ω
200 MHz 32-bit SDRAM (−5)
SDRAM data output hold time
cannot meet EMIF input hold
requirement (see NOTE 1).
NOTE 1: Results are based on IBIS simulations for the given example boards (TYPE). Timing analysis should be performed to determine if timing
requirements can be met for the particular system.


Similar Part No. - TMS320C6713BGDP225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6713BGDP225 TI-TMS320C6713BGDP225 Datasheet
2Mb / 153P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713BGDP225 TI-TMS320C6713BGDP225 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713BGDP225 TI1-TMS320C6713BGDP225 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713BGDP225 TI1-TMS320C6713BGDP225 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6713BGDP225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com