Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78HB3.3-0.5 Datasheet(PDF) 3 Page - Recom International Power

Part # R-78HB3.3-0.5
Description  0.5 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78HB3.3-0.5 Datasheet(HTML) 3 Page - Recom International Power

  R-78HB3.3-0.5 Datasheet HTML 1Page - Recom International Power R-78HB3.3-0.5 Datasheet HTML 2Page - Recom International Power R-78HB3.3-0.5 Datasheet HTML 3Page - Recom International Power R-78HB3.3-0.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INNOLINE
DC/DC-Converter
Typical Characteristics
50
Efficiency Vs Vin (Full Load)
Vo=5V
Vo=3.3V
25
Vin ( V )
20
30
72
75
100
Vo=12V
Vo=15V
Vo=9V
Vo=6.5V
40
50
60
Vo=24V
9
Efficiency
100
50
Efficiency Vs Load ( Vin=Max )
Vo=24V
Vo=3.3V
Vo=5V
50
Output Current ( A )
100
200
300
400
500
75
25
Vo=15V
Vo=12V
Vo=6.5V
Vo=9V
10
100
50
Efficiency Vs Load ( Vin=Min )
Vo=3.3V
Vo=5V
50
Output Current ( A )
100
200
300
400
500
75
25
Vo=15V, 24V
Vo=12V
Vo=6.5V
Vo=9V
10
50
Ripple Vs Vin ( Full Load )
Vo=5V
Vo=3.3V
25
Vin ( V )
30
40
72
Vo=9V
Vo=12V,15V
Vo=6.5V
50
60
20
Vo=24V
9
Ripple
60
50
Ripple Vs Load ( Vin=Max )
Vo=5.0V
Vo=9.0V
Vo=12V, 15V
40
Output Current ( mA )
100
200
300
400
500
Vo=24V
Vo=6.5V
10
20
Vo=3.3V
60
50
Ripple Vs Load ( Vin=Min )
Vo=5.0V
Vo=9.0V
Vo=12V, 15V
40
Output Current ( mA )
100
200
300
400
500
Vo=24V
Vo=6.5V
10
20
Vo=3.3V
R-78HBxx-0.5
(L) Series
*Note: Operation under no load will not damage these devices, however they may not meet all specifications. A minimum load of 10mA is recommended
www.recom-power.com
I-31
REV: 0/2015


Similar Part No. - R-78HB3.3-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5L RECOM-R-78HB3.3-0.5L Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
More results

Similar Description - R-78HB3.3-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com