Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-525.0PA Datasheet(PDF) 4 Page - Recom International Power

Part # R-525.0PA
Description  2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-525.0PA Datasheet(HTML) 4 Page - Recom International Power

  R-525.0PA Datasheet HTML 1Page - Recom International Power R-525.0PA Datasheet HTML 2Page - Recom International Power R-525.0PA Datasheet HTML 3Page - Recom International Power R-525.0PA Datasheet HTML 4Page - Recom International Power R-525.0PA Datasheet HTML 5Page - Recom International Power R-525.0PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
100
14
2
3
90
Output Current (A)
80
70
1.2V
1.8V
2.5V
3.3V
5.0V
5
100
0.5
2.0
1.0
1.5
90
Output Current (A)
80
70
1.2V
1.8V
2.5V
3.3V
5.0V
R-53xx / R-54xx / R-55xx
Output Current Efficiency vs Iout (Vin = Min)
R-52xx
Output Current Efficiency vs Iout (Vin = Min)
100
14
2
3
90
Output Current (A)
80
70
1.2V
1.8V
2.5V
3.3V
5.0V
5
100
0.5
2.0
1.0
1.5
80
Output Current (A)
60
40
1.2V
1.8V
2.5V
3.3V
5.0V
50
70
90
R-53xx / R-54xx / R-55xx
Output Current Efficiency vs Iout (Vin = 18V)
R-52xx
Output Current Efficiency VS Iout (Vin = 18V)
R-5xxxPA_DA
Series
INNOLINE
DC/DC-Converter
Characteristics
1
1.8
0
5.0
2.3
3.3
1.2
0.5
Output Voltage (V)
1
1.8
0
5.0
2.3
3.3
1.2
0.5
Output Voltage (V)
R-53xx / R-54xx
Output Voltage Line Regulation VS Vout
R-52xx / R-55xx
Output Voltage Line Regulation VS Vout
2.0
5
0
20
10
15
1.5
Input Voltage (V)
1.0
0.5
1.2V
1.8V
2.5V
3.3V
5.0V
2.0
5
0
20
10
15
1.5
Input Voltage (V)
1.0
0.5
1.2V
1.8V
2.5V
3.3V
5.0V
R-53xx / R-54xx
Intput Voltage Load Regulation VS Vin
R-52xx / R-55xx
Intput Voltage Load Regulation VS Vin
I-48
www.recom-power.com
REV: 1/2016


Similar Part No. - R-525.0PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-525.0PA RECOM-R-525.0PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R-525.0PA RECOM-R-525.0PA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-525.0PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT123A LINER-LT123A Datasheet
456Kb / 7P
   5 Volt, 3 Amp Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com