Electronic Components Datasheet Search |
|
R-531.2PA Datasheet(PDF) 6 Page - Recom International Power |
|
R-531.2PA Datasheet(HTML) 6 Page - Recom International Power |
6 / 6 page Bottom View 1 2 3 4 5 6 7 8 9 2.54 0.7 4.0 15.00 32.20 10 11 12 2.13 9.1 0.2 Bottom View 4.0 0.7 0.7 1 2 3 4 5 6 7 8 9 2.54 0.7 15.00 32.20 10 11 12 9.1 0.2 RECOM R- 521.2PA RECOM R- 521.2DA 2.13 R-5xxxPA_DA Series INNOLINE DC/DC-Converter Pin Connections Pin # Name Description 1 ON / OFF Input pin : Active low (less than 0.8V) to disable the device 2, 3, 4 Vin Power input 5, 6, 7, 8 GND Input and output ground (common) 9 , 10 Vout Power output 11 Vout (Auto Sense) If unused this pin must be connected to Pin 9 and 10 12 Vout-Adj With external resistors R1,R2 to selected output voltage Tolerance: ± 0.25 mm Package Style and Pinning (mm) SIP12 PIN Package Add a blocking diode to Vout if current can flow backwards into the output, as this can damage the converter when it is powered down. Protection diodes are re- quired for high capacitive loads. The diode can either be fitted across the device if the source is low impedance or fitted in series with the output (recommended). Optional Diode Protection Circuit Optional Protection 1: Optional Protection 2: R-5/6/7xxx GND +Vout +Vin GND R-5/6/7xxx GND +Vout +Vin GND Diode Trim output voltage up 1 diode drop Tolerance: xx.x ±0.5mm xx.xx ±0.25mm I-50 www.recom-power.com REV: 1/2016 The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications. |
Similar Part No. - R-531.2PA |
|
Similar Description - R-531.2PA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |