Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-619.0D Datasheet(PDF) 1 Page - Recom International Power

Part # R-619.0D
Description  1-2 AMP SIP12 Vertical & Horizontal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-619.0D Datasheet(HTML) 1 Page - Recom International Power

  R-619.0D Datasheet HTML 1Page - Recom International Power R-619.0D Datasheet HTML 2Page - Recom International Power R-619.0D Datasheet HTML 3Page - Recom International Power R-619.0D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INNOLINE
DC/DC-Converter
with 3 year Warranty
R-6xxx
EN-60950-1 Certified
1-2 AMP
SIP12
Vertical &
Horizontal
Adjustable Output Voltage
Non-Isolated
1-2AMP Adjustable Positive Step Down
Integrated Switching Regulator
Internal Short Circuit Protection
ON/OFF Control(Ground Off)
UL94V-0 Package Material
Wide Input Range
Efficiency to 96 %
See Innoline Application Notes for
use as an Inverter
Features
Selection Guide
Specifications (refer to the standard application circuit, Ta: 25°C)
Characteristics
Conditions
Min.
Typ.
Max.
Input Voltage Range
Vout = 1.8V
9V
32V
Vout = 2.5V
9V
32V
Vout = 3.3V
9V
32V
Vout = 5V
9V
32V
Vout = 9V
11V
32V
Vout = 12V
14V
32V
Output Voltage Adjust Range (see table 1)
Vout = 1.8V
1.5V
1.8V
3.6V
Vout = 2.5V
1.5V
2.5V
4.5V
Vout = 3.3V
1.8V
3.3V
6V
Vout = 5V
1.8V
5V
9V
Vout = 9V
3.3V
9V
15V
Vout = 12V
3.3V
12V
15V
Continued on next page
Part
Input
Nominal
Vout
Output
Efficiency (%)
Number
Range
Output Voltage
Adjust Range
Current Vin min.
Vin max.
SIP12
(V)
(V)
(V)
(A)
(%)
(%)
R-611.8x
9 – 32
1.8
1.5 – 3.6
1
79
67
R-612.5x
9 – 32
2.5
1.5 – 4.5
1
84
74
R-613.3x
9 – 32
3.3
1.8 – 6
1
88
79
R-615.0x
9 – 32
5
1.8 – 9
1
92
84
R-619.0x
11 – 32
9
3.3 – 15
1
96
90
R-6112x
14 – 32
12
3.3 – 15
1
97
92
R-621.8x
9 – 32
1.8
1.5 – 3.6
2
76
68
R-622.5x
9 – 32
2.5
1.5 – 4.5
2
81
74
R-623.3x
9 – 32
3.3
1.8 – 6
2
86
80
R-625.0x
9 – 32
5
1.8 – 9
2
90
85
R-629.0x
11 – 32
9
3.3 – 15
2
95
91
R-6212x
14 – 32
12
3.3 – 15
2
96
93
Note: Vin -Vout
≥ 1.5V if adjust function is used!
Suffix x: (see mechanical drawing for details)
x = P pins vertical through hole
x = D pins bent for horizontal through hole mounting
The R-6XXX series is a high performance 1.5V to 15V (18V), 1.1Amp to 2.0Amp,12-Pin SIP (single in-line
package) switching regulator. Synchronous rectification yields excellent efficiencies of up to 97%.
Short circuit protection reduces the short circuit input current to under 50mA.
Description
RoHS
2011/65/EU
6/6
Refer to Application Notes
www.recom-power.com
I-51
REV: 1/2016


Similar Part No. - R-619.0D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-619.0D RECOM-R-619.0D Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-619.0D RECOM-R-619.0D Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-619.0D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
logo
Digitron Semiconductors
UT234 DIGITRON-UT234 Datasheet
179Kb / 4P
   RECTIFIERS 1 Amp to 2 Amp
logo
Elantec Semiconductor
EL4331C ELANTEC-EL4331C Datasheet
1Mb / 13P
   Triple 2:1 Mux-Amp AV = 1
logo
Renesas Technology Corp
EL4331 RENESAS-EL4331 Datasheet
1Mb / 10P
   Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
   Triple 2:1 Mux-Amp AV = 1
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com