Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-621.8D Datasheet(PDF) 3 Page - Recom International Power

Part # R-621.8D
Description  1-2 AMP SIP12 Vertical & Horizontal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-621.8D Datasheet(HTML) 3 Page - Recom International Power

  R-621.8D Datasheet HTML 1Page - Recom International Power R-621.8D Datasheet HTML 2Page - Recom International Power R-621.8D Datasheet HTML 3Page - Recom International Power R-621.8D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R-6xxxP_D
Series
Characteristics
INNOLINE
DC/DC-Converter
Iout (A)
2.0
1.5
1.0
0.1
0.5
Vin = 9V
Vin = 12V
Vin = 26V
80
60
70
50
82.5
85.0
87.5
90.0
92.5
100.0
100
60
20
40
Iout (A)
0
2.0
1.5
1.0
0.1
0.5
80
Vin = 26V
Vin = 12V
Vin = 9V
Iout (A)
2.0
1.5
1.0
0.1
0.5
Vin = 12V
Vin = 24V
Vin = 38V
Vin = 9V
80
60
70
50
82.5
85.0
87.5
90.0
92.5
100
R-623.3 / R-613.3
Efficiency vs Output Current
R-625.0 / R-615.0
Efficiency vs Output Current
100
60
20
40
Iout (A)
0
2.0
1.5
1.0
0.1
0.5
80
Vin = 24V
Vin = 12V
Vin = 9V
Vin = 38V
R-623.3 / R-613.3
Ripple vs Output Current
R-625.0 / R-615.0
Ripple vs Output Current
Package Style and Pinning (mm)
Bottom
View
1 2 3 4 5 6 7 8 9
2.54
0.7
4.0
15.00
32.20
10 11 12
9.1
0.2
Bottom
View
4.0
0.7
0.7
1 2 3 4 5 6 7 8 9
2.54
0.7
15.00
32.20
10 11 12
9.1
0.2
RECOM
R- 615.0P
RECOM
R- 615.0D
2.13
2.13
SIP12 PIN Package
Pin Connections
Pin #
Name
Description
1
ON / OFF
Input pin : Active low (less than 0.8V) to disable the device
2, 3, 4
Vin
Power input
5, 6, 7, 8
GND
Input and output ground (common)
9 , 10, 11
Vout
Power output
12
Vout-Adj
With external resistors R1,R2 to selected output voltage
Tolerance: xx.x
±0.5mm
xx.xx
±0.25mm
www.recom-power.com
I-53
REV: 1/2016


Similar Part No. - R-621.8D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-621.8D RECOM-R-621.8D Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-621.8D RECOM-R-621.8D Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-621.8D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
logo
Digitron Semiconductors
UT234 DIGITRON-UT234 Datasheet
179Kb / 4P
   RECTIFIERS 1 Amp to 2 Amp
logo
Elantec Semiconductor
EL4331C ELANTEC-EL4331C Datasheet
1Mb / 13P
   Triple 2:1 Mux-Amp AV = 1
logo
Renesas Technology Corp
EL4331 RENESAS-EL4331 Datasheet
1Mb / 10P
   Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
   Triple 2:1 Mux-Amp AV = 1
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com