Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-535.0PA Datasheet(PDF) 1 Page - Recom International Power

Part # R-535.0PA
Description  2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-535.0PA Datasheet(HTML) 1 Page - Recom International Power

  R-535.0PA Datasheet HTML 1Page - Recom International Power R-535.0PA Datasheet HTML 2Page - Recom International Power R-535.0PA Datasheet HTML 3Page - Recom International Power R-535.0PA Datasheet HTML 4Page - Recom International Power R-535.0PA Datasheet HTML 5Page - Recom International Power R-535.0PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INNOLINE
DC/DC-Converter
with 3 year Warranty
R-5xxxA
EN-60950-1 Certified
2, 3, 4, 5 AMP
SIP12
Vertical &
Horizontal
Auto-sense
Non-Isolated
Synchronous rectification design
Adjustable Output voltage
2, 3, 4 & 5AMP Adjustable Positive
Step Down Integrated Switching Regulator
Over load protection (125% full load typical)
Remote ON/OFF Control(Ground Off)
Wide Input Range
UL94V-0 Package Material
Continuous short circuit protection
(Short Circuit Input Current, Iin sc<50mA)
Input voltage range 4.5V~18V
Efficiency to 96 %
Features
Selection Guide
Part
Input
Nominal
Vout
Output
Efficiency
Number
Range
Output Voltage Adjust Range Current
min.Vin
12V max.Vin
SIP12
(V)
(V)
(V)
(A)
(%)
(%)
(%)
R-521.2xA
4.5 – 18
1.2
1.0 – 3.0
2
83
79
75
R-521.8xA
4.5 – 18
1.8
1.1 – 4.5
2
88
85
82
R-522.5xA
4.5 – 18
2.5
1.6 – 5.5
2
91
88
86
R-523.3xA
4.5 – 18
3.3
1.6 – 5.5
2
92
90
89
R-525.0xA
6.5 – 18
5.0
3.0 – 5.5
2
95
93
92
R-531.2xA
4.5 – 18
1.2
1.0 – 3.0
3
85
84
82
R-531.8xA
4.5 – 18
1.8
1.1 – 4.5
3
89
88
86
R-532.5xA
4.5 – 18
2.5
1.6 – 5.5
3
92
91
89
R-533.3xA
4.5 – 18
3.3
1.6 – 5.5
3
94
93
92
R-535.0xA
6.5 – 18
5.0
3.0 – 5.5
3
96
95
94
R-541.2xA
4.5 – 18
1.2
1.0 – 3.0
4
82
81
79
R-541.8xA
4.5 – 18
1.8
1.1 – 4.5
4
87
86
85
R-542.5xA
4.5 – 18
2.5
1.6 – 5.5
4
91
89
88
R-543.3xA
4.5 – 18
3.3
1.6 – 5.5
4
93
92
91
R-545.0xA
6.5 – 18
5.0
3.0 – 5.5
4
95
94
93
R-551.2xA
4.5 – 18
1.2
1.0 – 3.0
5
81
80
78
R-551.8xA
4.5 – 18
1.8
1.1 – 4.5
5
86
85
84
R-552.5xA
4.5 – 18
2.5
1.6 – 5.5
5
90
89
88
R-553.3xA
4.5 – 18
3.3
1.6 – 5.5
5
92
91
90
R-555.0xA
7.0 – 18
5.0
3.0 – 5.5
5
94
93
92
Note: Vin -Vout
≥ 1.5V if adjust function is used!
Suffix x: (see mechanical drawing for details)
x = P pins vertical through hole
x = D pins bent for horizontal through hole mounting
The R-5XXX series is a high performance 1.2V to 5.0V , 2Amp to 5Amp,12-Pin SIP (single in-line package)
integrated switching regulator (ISR). Synchronous - rectified design yields excellent efficiencies up to 96%.
Short circuit protection reduces the short circuit input current to under 50mA. Autosense function compensates
for any losses in long circuit loops.
Description
RoHS
2011/65/EU
6/6
Refer to Application Notes
www.recom-power.com
I-45
REV: 1/2016


Similar Part No. - R-535.0PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-535.0PA RECOM-R-535.0PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R-535.0PA RECOM-R-535.0PA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-535.0PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT123A LINER-LT123A Datasheet
456Kb / 7P
   5 Volt, 3 Amp Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com