Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3705N Datasheet(PDF) 6 Page - International Rectifier

Part # IRL3705N
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3705N Datasheet(HTML) 6 Page - International Rectifier

  IRL3705N Datasheet HTML 1Page - International Rectifier IRL3705N Datasheet HTML 2Page - International Rectifier IRL3705N Datasheet HTML 3Page - International Rectifier IRL3705N Datasheet HTML 4Page - International Rectifier IRL3705N Datasheet HTML 5Page - International Rectifier IRL3705N Datasheet HTML 6Page - International Rectifier IRL3705N Datasheet HTML 7Page - International Rectifier IRL3705N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRL3705N
QG
QGS
QGD
VG
Charge
5.0 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
0
200
400
600
800
25
50
75
100
125
150
175
J
A
Starting T , Junction T emp erature (°C)
V
= 2 5V
I
TO P
1 9A
33A
BO TTOM
46 A
DD
D
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
I AS
R G
IAS
0.01
t p
D.U .T
L
V DS
+
-
VDD
DRIV E R
A
15 V
10V


Similar Part No. - IRL3705N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL3705N ISC-IRL3705N Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRL3705N/L IRF-IRL3705N/L Datasheet
188Kb / 10P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRL3705NL ISC-IRL3705NL Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL3705NLPBF IRF-IRL3705NLPBF Datasheet
294Kb / 10P
   HEXFET Power MOSFET
IRL3705NPBF IRF-IRL3705NPBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRL3705N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com