Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1203D60R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1203D60R2G
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1203D60R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1203D60R2G Datasheet HTML 1Page - ON Semiconductor NCP1203D60R2G Datasheet HTML 2Page - ON Semiconductor NCP1203D60R2G Datasheet HTML 3Page - ON Semiconductor NCP1203D60R2G Datasheet HTML 4Page - ON Semiconductor NCP1203D60R2G Datasheet HTML 5Page - ON Semiconductor NCP1203D60R2G Datasheet HTML 6Page - ON Semiconductor NCP1203D60R2G Datasheet HTML 7Page - ON Semiconductor NCP1203D60R2G Datasheet HTML 8Page - ON Semiconductor NCP1203D60R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP1203
http://onsemi.com
5
TEMPERATURE (
°C)
125
100
75
50
25
0
−25
150
200
250
300
350
400
Figure 3. VCC(on) Threshold versus
Temperature
Figure 4. VCC(min) Level versus Temperature
8.4
8.2
−25
0
8.0
7.6
7.2
125
−25
14.0
13.8
50
12.6
12.4
12.2
100
7.4
25
25
0
125
TEMPERATURE (
°C)
TEMPERATURE (
°C)
75
13.0
12.8
13.2
13.6
13.4
50
75
100
7.8
Figure 5. IC Current Consumption (No Load)
versus Temperature
Figure 6. ICC Consumption (Loaded by 1 nF)
versus Temperature
TEMPERATURE (
°C)
Figure 7. HV Current Source at VCC = 10 V
versus Temperature
Figure 8. IC Consumption at VCC = 6 V
versus Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
125
100
75
50
25
0
−25
500
550
600
650
700
750
950
1000
800
850
900
100 kHz
60 kHz
40 kHz
125
100
75
50
25
0
−25
1.0
1.2
1.4
1.6
1.8
2.0
100 kHz
60 kHz
40 kHz
125
100
75
50
25
0
−25
4.0
4.5
5.0
5.5
6.0
6.5
7.5
8.0
7.0
100 kHz
40 & 60 kHz


Similar Part No. - NCP1203D60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203D60R2G ONSEMI-NCP1203D60R2G Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1203D60R2G ONSEMI-NCP1203D60R2G Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
More results

Similar Description - NCP1203D60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1203 ONSEMI-NCP1203_05 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
NCP1201 ONSEMI-NCP1201 Datasheet
159Kb / 20P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
October, 2004 ??Rev. 3
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com