Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300610080 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300610080
Description  Mini-Change A-Size Single-Ended Cordset
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300610080 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300610080 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/06/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300610080
Status:
Active
Overview:
Brad® Mini-Change® Connectors
Description:
Mini-Change® A-Size Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 16
AWG, PVC Cable, 2.0m (6.56') Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E258922
General
Product Family
Industrial Cordsets
Series
130061
Connector End A
Mini-Change®
Connector End B
Pigtail
IP Rating
IP67
Overview
Brad® Mini-Change® Connectors
Product Name
Mini-Change®
Protocol
N/A
Region
Europe
Type
Single Ended
UPC
78678868184
Physical
Cable Diameter
11.43mm (.450")
Cable Length
2.0m (6.56')
Color - Cable Jacket
Gray
Coupling Style
Threaded
Gender
Female-Pigtail
Keyway
Single
LED Indicator
No
Material - Cable Jacket
PVC
Material - Connector Body
PVC
Material - Contact
Copper Alloy
Material - Coupling Nut
Black Epoxy Coated Zinc
Material - Plating Mating
Gold
Orientation
Straight
Poles
4
Temperature Range - Operating
-20°C to +90°C
Wire Size AWG
16
Wire/Cable Type
STOOW
Electrical
Current - Maximum per Contact
10.0A
Voltage - Maximum
600V
Material Info
Old Part Number
104000A45M020
Reference - Drawing Numbers
Sales Drawing
SD-130061-011
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130061 Series
This document was generated on 07/06/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300610080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300610025 MOLEX11-1300610025 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300610030 MOLEX11-1300610030 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300610040 MOLEX11-1300610040 Datasheet
28Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female
1300610046 MOLEX11-1300610046 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles,
1300610057 MOLEX11-1300610057 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male
More results

Similar Description - 1300610080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300610046 MOLEX11-1300610046 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles,
1300610218 MOLEX11-1300610218 Datasheet
28Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles
1300610073 MOLEX11-1300610073 Datasheet
28Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles
1300610168 MOLEX11-1300610168 Datasheet
28Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 4 Poles,
1300610057 MOLEX11-1300610057 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male
1300610119 MOLEX11-1300610119 Datasheet
28Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female
1300610040 MOLEX11-1300610040 Datasheet
28Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female
1300610220 MOLEX11-1300610220 Datasheet
28Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female
1300610091 MOLEX11-1300610091 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female
1300610179 MOLEX11-1300610179 Datasheet
28Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com