Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OKDY-T Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # OKDY-T
Description  50A Digital PoL DC-DC Converter Series
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKDY-T Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  OKDY-T Datasheet HTML 1Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 2Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 3Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 4Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 5Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 6Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 7Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 8Page - Murata Power Solutions Inc. OKDY-T Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Note 1: See section I2C/SMBus Setup and Hold Times – Definitions.
Note 2: Monitorable over PMBus Interface.
Note 3: Automatic restart ~70 or 240 ms after fault if the fault is no longer present. Continuous restart attempts if the
fault reappear after restart. See Operating Information for other fault response options.
Note 4: Tsw is the switching period.
Note 5: Within +/-3% of VO
Note 6: See section Soft-start Power Up.
Note 7: Tracking functionality is designed to follow a VTRK signal with slew rate < 2.4 V/ms. For faster VTRK signals
accuracy will depend on the regulator bandwidth.
Note 8: See section Over Temperature Protection (OTP).
Note 9: See section External Capacitors.
Note 10: See section Initialization Procedure.
Note 11: See graph Output Ripple vs External Capacitance and Operating information section Output Ripple and Noise.
Note 12: See graph Load Transient vs. External Capacitance and Operating information section External Capacitors.
Note 13: Time for reaching 100% of nominal Vout.
Note 14: For Vout < 1.0 V accuracy is +/-10 mV. For further deviations see section Output Voltage Adjust using PMBus.
Note 15: Accuracy here means deviation from ideal output voltage level given by configured droop and actual load.
Includes line, load and temperature variations.
Note 16: For current sharing the Output Voltage Delay Time must be reconfigured to minimum 15 ms.
Note 17: For steady state operation above 1.05 x 3.3 V, please contact your local Murata sales representative.
Note 18: A minimum load current is not required if Low Power mode is used (monitoring disabled).
Note 19: See sections Dynamic Loop Compensation and Power Good.
Characteristics
Conditions
Min
Typ
Max
Unit
Over Temperature Protection,
OTP at P2
See Note 8
OTP threshold
120
°C
OTP threshold range
PMBus configurable
-40…+125
°C
OTP hysteresis
25
°C
OTP hysteresis range
PMBus configurable
0-165
°C
Fault response
See Note 3
Automatic restart, 240 ms
V
IL
Logic input low threshold
SYNC, SA0, SA1, SCL, SDA, GCB, CTRL,
VSET
0.8
V
V
IH
Logic input high threshold
2
V
I
IL
Logic input low sink current
CTRL
0.6
mA
V
OL
Logic output low signal level
SYNC, SCL, SDA, SALERT, GCB, PG
0.4
V
V
OH
Logic output high signal level
2.25
V
I
OL
Logic output low sink current
4mA
I
OH
Logic output high source current
2mA
t
set
Setup time, SMBus
See Note 1
300
ns
t
hold
Hold time, SMBus
See Note 1
250
ns
t
free
Bus free time, SMBus
See Note 1
2
ms
C
p
Internal capacitance on logic pins
10
pF
Initialization time
See Note 10
40
ms
Output Voltage
Delay Time
See Note 6
Delay duration
See Note 16
10
ms
Delay duration range
PMBus configurable
5-500000
Delay accuracy
turn-on
-0.25/+4
ms
Delay accuracy
turn-off
-0.25/+4
ms
Output Voltage
Ramp Time
See Note 13
Ramp duration
10
ms
Ramp duration range
PMBus configurable
0-200
Ramp time accuracy
100
μs
Current sharing operation
20
%
VTRK Input Bias Current
V
VTRK = 5.5 V
110
200
μA
VTRK Tracking Ramp Accuracy (V
O - VVTRK)
100% tracking, see Note 7
-100
100
mV
Current sharing operation
2 phases, 100% tracking
V
O = 1.0 V, 10 ms ramp
±100
mV
VTRK Regulation Accuracy (V
O - VVTRK)
100% Tracking
-1
1
%
Current sharing operation
100% Tracking
-2
2
%
Current difference between products in a current sharing group
Steady state operation
Max 2 x READ_IOUT monitoring accuracy
Ramp-up
4
A
Number of products in a current sharing group
7
Monitoring accuracy
READ_VIN vs V
I
3
%
READ_VOUT vs V
O
1%
READ_IOUT vs I
O
I
O = 0-50 A, TP1 = 0 to +95 °C
V
I = 4.5-14 V, VO = 1.0 V
±3.0
A
READ_IOUT vs I
O
I
O = 0-50 A, TP1 = 0 to +95 °C
V
I = 4.5-14 V, VO = 0.6-3.3 V
±5.0
A
OKDx-T/50-W12-C
50A Digital PoL DC-DC Converter Series
MDC_OKDx-T/50-W12-C.A04 Page 5 of 41
www.murata-ps.com/support


Similar Part No. - OKDY-T

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKDY-T/40-W12-001-C MURATA-PS-OKDY-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDY-T/40-W12-001-C MURATA-PS-OKDY-T/40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results

Similar Description - OKDY-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Power Solutions ...
OKDL-T MURATA-PS-OKDL-T Datasheet
1Mb / 31P
   12A Digital PoL DC-DC Converter Series
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com