Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5K16V101M0609 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # PE5K16V101M0609
Description  Conductive Polymer Aluminum Solid Capacitors (Radial type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PE5K16V101M0609 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  PE5K16V101M0609 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PE5K16V101M0609 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conductive Polymer Aluminum
Rev. 7
Solid Capacitors
(Radial type)
RoHS
MERITEK
PE5K Series
SPECIFICATIONS
Item
Working Voltage(SV) Capacitance
Size Code
Leakage Current
ESR1
Rated Ripple Current2
(Vdc)
(uF)
(uA)
(mΩ), max
(mArms)
PE5K2R5561M0509
2.5(2.9)
560
0509
500
7
4180
PE5K2R5561M0609
2.5(2.9)
560
0609
500
7
5000
PE5K2R5561M0809
2.5(2.9)
560
0809
500
7
5700
PE5K2R5821M0609
2.5(2.9)
820
0609
500
7
5000
PE5K2R5821M0809
2.5(2.9)
820
0809
500
7
5700
PE5K4R0561M0609
4.0(4.6)
560
0609
500
7
5000
PE5K4R0561M0609
4.0(4.6)
560
0609
500
24
2400
PE5K6R3101M0606
6.3(7.2)
100
0606
126
35
2100
PE5K6R3471M0609
6.3(7.2)
470
0609
592
8
4700
PE5K6R3471M0809
6.3(7.2)
470
0809
592
8
5300
PE5K6R3561M0609
6.3(7.2)
560
0609
705
8
4700
PE5K6R3561M0609
6.3(7.2)
560
0609
705
24
2400
PE5K6R3561M0809
6.3(7.2)
560
0809
705
7
5700
PE5K16V101M0606
16(18.4)
100
0606
320
24
2490
PE5K16V101M0609
16(18.4)
100
0609
320
35
2300
PE5K16V271M0809
16(18.4)
270
0809
864
10
5000
PE5K16V271M0812
16(18.4)
270
0812
864
10
5230
PE5K16V471M0812
16(18.4)
470
0812
1505
10
5230
PE5K16V471M1012
16(18.4)
470
1012
1505
10
6100
NOTE:
1. Test condition: 20ºC, 100kHz~300kHz
2. Test condition: 105ºC, 100kHz


Similar Part No. - PE5K16V101M0609

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5001 PASTERNACK-PE5001 Datasheet
243Kb / 2P
   Crimp Tool With 0.068, 0.213, 0.255 Hex Sizes For RG55, RG58, RG59, RG62, RG142, RG223 RG400
PE5004-KIT PASTERNACK-PE5004-KIT Datasheet
380Kb / 2P
   TECHNICAL DATA SHEET
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
   COAXIAL CRIMPING TOOL
PE5007 PASTERNACK-PE5007 Datasheet
205Kb / 2P
   Crimp Tool With 0.100, 0.429 Hex Sizes For RG9, RG11, RG87A,RG149, RG165, RG213, RG214, RG216, RG225, RG393
PE5008 PASTERNACK-PE5008 Datasheet
203Kb / 1P
   PRODUCTION GRADE SCISSOR CRIMPING TOOL
More results

Similar Description - PE5K16V101M0609

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
PE MERITEK-PE Datasheet
678Kb / 3P
   Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5P MERITEK-PE5P Datasheet
813Kb / 6P
   Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PEEP MERITEK-PEEP Datasheet
635Kb / 8P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com