Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEVA4R0221M0606 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # PEVA4R0221M0606
Description  Conductive Polymer Aluminum Solid Capacitors (V Chip)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEVA4R0221M0606 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  PEVA4R0221M0606 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEVA4R0221M0606 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitors
(V Chip)
RoHS
MERITEK
PEVA Series
STANDARD
RATINGS
Working Voltage(SV)
Capacitance
Size Code
Leakage Current
ESR
1
Rated Ripple Current
2
(Vdc)
(uF)
(uA)
(m
Ω), max
(mArms)
PEVA2R5331M0506
2.5(2.9)
330
0506
165
21
2670
PEVA2R5331M0604
2.5(2.9)
330
0604
700
17
2300
PEVA2R5331M0606
2.5(2.9)
330
0606
413
15
3160
PEVA2R5391M0506
2.5(2.9)
390
0506
700
10
3900
PEVA2R5391M0606
2.5(2.9)
390
0606
292
10
3900
PEVA2R5561M0606
2.5(2.9)
560
0606
700
10
3900
PEVA2R5561M0606
2.5(2.9)
560
0606
700
16
3500
PEVA4R0221M0606
4.0(4.6)
220
0606
440
25
2500
PEVA4R0331M0606
4.0(4.6)
330
0606
660
15
3160
PEVA6R3101M0606
6.3(7.2)
100
0606
315
27
2400
PEVA6R3151M0606
6.3(7.2)
150
0606
473
15
2700
PEVA6R3221M0506
6.3(7.2)
220
0506
500
15
3150
PEVA6R3221M0604
6.3(7.2)
220
0604
700
17
2300
PEVA6R3221M0606
6.3(7.2)
220
0606
277
15
3160
PEVA6R3331M0606
6.3(7.2)
330
0606
416
17
3390
PEVA10V121M0606
10(11.5)
120
0606
600
25
2530
PEVA16V470M0506
16(18.4)
47
0506
376
35
2070
PEVA16V470M0606
16(18.4)
47
0606
376
25
2500
PEVA16V680M0604
16(18.4)
68
0604
544
40
2450
PEVA16V101M0506
16(18.4)
100
0506
320
27
3000
PEVA16V101M0606
16(18.4)
100
0606
320
24
2490
PEVA16V271M0807
16(18.4)
270
0807
864
22
3300
PEVA16V271M0810
16(18.4)
270
0810
864
16
4070
PEVA25V150M0604
25(25)
15
0604
300
55
1650
PEVA25V220M0604
25(25)
22
0604
275
45
2350
PEVA25V270M0606
25(25)
27
0606
135
40
2100
PEVA25V470M0606
25(25)
47
0606
235
30
2500
NOTE:
1. Test condition: 20ºC, 100kHz~300kHz
2. Test condition: 105ºC, 100kHz


Similar Part No. - PEVA4R0221M0606

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PEV-1/4-A-SW27 FESTO-PEV-1/4-A-SW27 Datasheet
97Kb / 1P
   Pressure switch
7/13/22
PEV-1/4-A-SW27-B-OD FESTO-PEV-1/4-A-SW27-B-OD Datasheet
91Kb / 1P
   Pressure switch
7/13/22
PEV-1/4-B FESTO-PEV-1/4-B Datasheet
81Kb / 2P
   Pressure switch
7/13/22
PEV-1/4-B-M12 FESTO-PEV-1/4-B-M12 Datasheet
103Kb / 2P
   Pressure switch
7/13/22
PEV-1/4-B-OD FESTO-PEV-1/4-B-OD Datasheet
88Kb / 2P
   Pressure switch
7/13/22
More results

Similar Description - PEVA4R0221M0606

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
PEEC MERITEK-PEEC Datasheet
942Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com