Electronic Components Datasheet Search |
|
PEVA4R0331M0606 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION |
|
PEVA4R0331M0606 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION |
1 / 2 page Rev. 7 Conductive Polymer Aluminum Solid Capacitors (V Chip) RoHS MERITEK PEVA Series FEATURES Standard SMD type Rated voltage: 2.5VDC ~25VDC Endurance: 2000hours at 105ºC Suitable for DC-DC converters, Voltage regulators and decoupling applications. SPECIFICATIONS Item Characteristic Category Temperature Range -55ºC ~ +105C Rated Voltage Range 2.5VDC ~ 25VDC Surge Voltage Rated voltage x 1.15V at +105C Capacitance Tolerance M=±20% at 120Hz, 20ºC Leakage Current Shall not exceed values shown in standard ratings at 20ºC after 2 minutes Dissipation Factor ( tan ) 0.12 (max) at 120Hz, 20ºC Temperature Stability Impedance change Z(-55ºC)/Z(+20ºC)≤1.25 at -55C, 100kHz Z(+105ºC)/Z(+20ºC)≤1.25 at +105C, 100kHz Endurance Appearance: no significant damage Capacitance change: ≤ ±20% of the initial value DF(tanδ): ≤ 150% of the initial specified value ESR: ≤ 150% of the initial specified value Leakage current: ≤ the initial specified value The specifications shall be satisfied when the capacitors are restored to 20ºC after the rated voltage is applied for 2000hours at 105ºC Damp Heat, Steady State Appearance: no significant damage Capacitance change: ≤ ±20% of the initial value DF(tanδ): ≤ 150% of the initial specified value ESR: ≤ 150% of the initial specified value Leakage current: ≤ the initial specified value The specifications shall be satisfied when the capacitors are restored to 20ºC after subjecting them to store at 60ºC, 90%~ 95% R.H. for 1000hours, without DC applied. Surge Voltage Appearance: no significant damage Capacitance change: ≤ ±20% of the initial value DF (tanδ): ≤ 150% of the initial specified value ESR: ≤ 150% of the initial specified value Leakage current: ≤ the initial specified value The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltages specified at 105ºC for 30 seconds through a protective resistor (R=1kΩ) and discharge for 5 minutes 30 seconds NOTE: If any doubt arises, measure the leakage current after following voltage treatment - Voltage treatment: DC rated voltage is applied to the capacitors for 60 minutes at 105ºC DIMENSIONS (mm) Size code 0506 0604 0606 0807 0810 BD+0.5 (max) 5.0 6.3 6.3 8.0 8.0 TH±0.2 5.8 4.3 5.8 6.8 9.7 BW±0.2 5.3 6.6 6.6 8.3 8.3 BL±0.2 5.3 6.6 6.6 8.3 8.3 TL±0.2 6.0 7.3 7.3 9.0 9.0 EW 0.5~0.8 0.5~0.8 0.5~0.8 0.5~0.8 0.8~1.1 EG±0.2 1.4 2.1 2.1 2.9 2.9 |
Similar Part No. - PEVA4R0331M0606 |
|
Similar Description - PEVA4R0331M0606 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |