Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450T228R501B1B1 Datasheet(PDF) 5 Page - CTS Corporation

Part # 450T228R501B1B1
Description  Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450T228R501B1B1 Datasheet(HTML) 5 Page - CTS Corporation

  450T228R501B1B1 Datasheet HTML 1Page - CTS Corporation 450T228R501B1B1 Datasheet HTML 2Page - CTS Corporation 450T228R501B1B1 Datasheet HTML 3Page - CTS Corporation 450T228R501B1B1 Datasheet HTML 4Page - CTS Corporation 450T228R501B1B1 Datasheet HTML 5Page - CTS Corporation 450T228R501B1B1 Datasheet HTML 6Page - CTS Corporation 450T228R501B1B1 Datasheet HTML 7Page - CTS Corporation 450T228R501B1B1 Datasheet HTML 8Page - CTS Corporation 450T228R501B1B1 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DIMENSION:
mm
inch
DIMENSION:
mm
inch
MTG. SURFACE
12.7
MAX.
3/8-32NEF
0.8
.031
"L"±
0.4
"A"±
.016
Ø23.8
.937
11.3
.445
.594
15.1
.781
19.8
MAX.
.125±.005
3.2±0.13
.804
20.4
.438
11.1
CLEARANCE HOLE
10.41±0.08
.410±.003
1.57±0.08
2.08±0.08
4.16±0.08
.164±.003
.082±.003
.410±.003
10.41±0.08
.062±.003
.062±.003
1.57±0.08
.500
3/8-32 UNEF-2A THRD.
LOC. LUG 2.03
PANEL PIERCING GEN. TOL. ±.002
ABOVE MTG. SURFACE
20.4
.804
Ø23.8
.937
11.3
.445
.080
5.97
.235
.235
5.97
4.70
.185
0.69
.027
2.08Ø (3) HOLES
.082
MOUNTING SURFACE
±0.4
±.016
±0.8
±.031
.594
X=17.48
Y=22.23
.688
.875
1.109
.875
Y=28.17
X=22.23
±0.05
.125±.005
3.2±0.13
.438
11.1
450T Metal Shaft, Bushing Mou, Type "T" Solder Lug Terminals
450X / 450Y Metal Shaft, Bushing Mount, Printed Circuit Type "X" Or "Y" Terminals
"L"
15.1
“A”
MTG. SURFACE
1
2
3
11.3
.445
Ø23.8
.937
±0.8
±.031
"L"
±0.4
±.016
“A”
3/8-32 UNEF-2A THRD.
9.9±0.4
.390±.016
.125±.005
3.2±0.13
.438
11.1
20.4
.804
.594
15.1
4.17±0.08
.164±.003
5.97±0.05
.235±.002
.235±.002
5.97±0.05
2.08±0.05
DIA. 3 HOLES
.082±.002
CLEARANCE HOLE
1.57±0.08
.062±.003
.062±.003
1.57±0.08
10.41±0.08
.410±.003
10.41±0.08
.410±.003
2.08±0.08
.082±.003
16.15±0.05
.636±.002
DIMENSION:
mm
inch
5 - 9
CTS Electrocomponents
www.ctscorp.com
450U Metal Shaft, Bushing Mount, Printed Circuit Type "U" Terminals
3
2
1
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
3
2
1
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
04/29/15
© 2015 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 450T228R501B1B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
More results

Similar Description - 450T228R501B1B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com